Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWCT1000CFM Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MWCT1000CFM
Description  Freescale Single-Coil Wireless Charger Reference Design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MWCT1000CFM Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MWCT1000CFM Datasheet HTML 1Page - Freescale Semiconductor, Inc MWCT1000CFM Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Overview
The 5W1COILTX is a 5 W single-coil transmitter reference design based on the Freescale
MWCT1000CFM wireless charging IC. The Freescale 5 W single-coil transmitter provides what
engineers need most: high performance at low cost. The reference design provides the highest
efficiency and active charging area available while maintaining the most cost competitive electronic
bill of materials (BOM).
The design is based on the Wireless Power Consortium (WPC) A11 transmitter definition, comprising
of a 5 V DC input source, full-bridge inverter topology and frequency control methodology. Freescale
extends support to any coil topology which uses a 5 V input source; therefore, this reference design
currently supports A11, A12 and A16 coil configurations on a single platform, as well as any future
single coil design. This reduces the need for different hardware to support multiple (and future) coil
types with similar characteristics.
Target Applications
• 5 W single-coil wireless charging
applications
• Mobile phone chargers
• Point-of-sale terminals
• Handheld medical devices
• Mobile phone accessories such as
battery banks and active phone sleeves
• PC accessories, including keyboards
and mice
Exceptional performance at a low cost
Wireless Charging IC
Inverter Control
Low-Power
Pre-Drive
Touch-Sensing
Power Stage
Demodulation
GPIO
Freescale Technology
Optional
WCT-5W1COILTX Single-Coil Wireless Charger Block Diagram
WCT-5W1COILTX Single-Coil Wireless Charger Block Diagram
Freescale Single-Coil Wireless
Charger Reference Design
Consumer, Industrial


Similar Part No. - MWCT1000CFM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MWCT1000DS NXP-MWCT1000DS Datasheet
2Mb / 43P
Low power (5 W) solution for Wireless Power Consortium (WPC) compliant transmitter design
Rev. 1.0, 02/2014
More results

Similar Description - MWCT1000CFM

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
Reference Design
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
DTV Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
Reference Design Kit
logo
Microchip Technology
PIC18F87J72 MICROCHIP-PIC18F87J72_11 Datasheet
2Mb / 50P
Single-Phase Energy Meter Reference Design
2011
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
Complete Reference Design
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
Tiny Reference Design
01/02/08
logo
Generalplus Technology ...
GPMQ8005B GENERALPLUS-GPMQ8005B Datasheet
1Mb / 43P
QI Compliant Wireless Charger Two-Coil Wireless Fast Charger Three-Coil QI Compliant Wireless Charger Power Transmitter
logo
Infineon Technologies A...
EVAL_15W_5V_FLYB_P7 INFINEON-EVAL_15W_5V_FLYB_P7 Datasheet
2Mb / 16P
15W 5V charger reference design with 700V CoolMOS P7
Rev. 1.0 2017-03-15
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
UNMANAGED REFERENCE DESIGN
06/10/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com