Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM108 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM108
Description  Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM108 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM108 Datasheet HTML 1Page - National Semiconductor (TI) LM108 Datasheet HTML 2Page - National Semiconductor (TI) LM108 Datasheet HTML 3Page - National Semiconductor (TI) LM108 Datasheet HTML 4Page - National Semiconductor (TI) LM108 Datasheet HTML 5Page - National Semiconductor (TI) LM108 Datasheet HTML 6Page - National Semiconductor (TI) LM108 Datasheet HTML 7Page - National Semiconductor (TI) LM108 Datasheet HTML 8Page - National Semiconductor (TI) LM108 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales Office
Distributors for availability and specifications
(Note 5)
LM108LM208
LM308
Supply Voltage
g
20V
g
18V
Power Dissipation (Note 1)
500 mW
500 mW
Differential Input Current (Note 2)
g
10 mA
g
10 mA
Input Voltage (Note 3)
g
15V
g
15V
Output Short-Circuit Duration
Continuous
Continuous
Operating Temperature Range (LM108)
b
55 Cto a125 C0 Cto a70 C
(LM208)
b
25 Cto a 85 C
Storage Temperature Range
b
65 Cto a150 C
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
DIP
260 C
260 C
H Package Lead Temp
(Soldering 10 seconds)
300 C
300 C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260 C
Small Outline Package
Vapor Phase (60 seconds)
215 C
Infrared (15 seconds)
220 C
See AN-450 ‘‘Surface Mounting Methods and Their Effect on Product
Reliability’’ for other methods of soldering surface mount devices
ESD Tolerance (Note 6)
2000V
Electrical Characteristics (Note 4)
Parameter
Condition
LM108LM208
LM308
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
TA e 25 C
07
20
20
75
mV
Input Offset Current
TA e 25 C
005
02
02
1
nA
Input Bias Current
TA e 25 C
08
20
15
7
nA
Input Resistance
TA e 25 C
3070
1040
MX
Supply Current
TA e 25 C
03
06
03
08
mA
Large Signal Voltage
TA e 25 C VS e g15V
50
300
25
300
VmV
Gain
VOUT e g10V RL t 10 kX
Input Offset Voltage
30
10
mV
Average Temperature
Coefficient of Input
30
15
60
30
m
V C
Offset Voltage
Input Offset Current
04
15
nA
Average Temperature
Coefficient of Input
05
25
20
10
pA C
Offset Current
Input Bias Current
30
10
nA
Supply Current
TA ea125 C
015
04
mA
Large Signal Voltage
VS e g15V VOUT e g10V
25
15
VmV
Gain
RL t 10 kX
Output Voltage Swing
VS e g15V RL e 10 kX
g
13
g
14
g
13
g
14
V
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com