Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NMT Datasheet(PDF) 2 Page - C&D Technologies

Part # NMT
Description  Triple Output 3W DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NMT Datasheet(HTML) 2 Page - C&D Technologies

  NMT Datasheet HTML 1Page - C&D Technologies NMT Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NMT SERIES
Triple Output 3W DC-DC Converters
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax:+44 (0)1908 617545
email: info@cdtechno-ncl.com
www: http://www.dc-dc.com
C&D Technologies (NCL), Inc.
5816 Creedmoor Road, Raleigh
NC 27612, USA
Tel: +1 (919) 571-9405
Fax: +1 (919) 571-9262
email: info@us.cdtechno-ncl.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2001
NDC NMT.3
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com
PERFORMANCE CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
PIN CONNECTIONS
Parameter
Conditions
MIN
TYP
MAX
Units
Operating Temperature (TA)
-40
85
°C
Storage
-50
125
°C
Case Temperature Rise
1 litre static air chamber
27
°C
Above Ambient
OUTPUT VOLTAGE CONFIGURATION
Although the output is described for negative rails, the input and output circuits are internally
isolated hence positive rails can also be generated, or a mixture of positive and negative.
The output 0V rail reference can be taken from any of the output terminals to give the range
of outputs as described in Output Voltage Configurations table below.
Channel Name
Standard Ref
Option 1
Option 2
Option 3
0V
0V
+24V
+48V
+72V
V01
–24V
0V
+24V
+48V
V02
–48V
–24V
0V
+24V
V03
–72V
–48V
–24V
0V
PIN
1
VIN
2
GND
5
0V
6
V01
7
V02
8
V03
POWER SHARING
The 3W total power delivery can be taken from
either a single channel, or from any combination of
all three channels. This allows an enormous amount
of flexibility, especially when combined with the
selectable output 0V reference. For example, using
the option 2 output configuration; –24V at 0.5W,
+24V at 1W and +48V at 1.5W power supplies
are available from a single NMT device.
NMT0572S – Channel V01 (24V NOM)
NMT1272S – Channel V01 (24V NOM)
0
0.5
1.0
1.5
2.0
2.5
3.0
Output Power (W)
100
80
60
40
20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Output Power (W)
40
36
32
28
24
20
0
0.5
1.0
1.5
2.0
2.5
3.0
Output Power (W)
100
80
60
40
20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Output Power (W)
40
36
32
28
24
20
NMT0572S – Channel V02 (48V NOM)
NMT1272S – Channel V02 (48V NOM)
0
0.5
1.0
1.5
2.0
2.5
3.0
Output Power (W)
100
80
60
40
20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Output Power (W)
80
72
64
56
48
40
0
0.5
1.0
1.5
2.0
2.5
3.0
Output Power (W)
100
80
60
40
20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Output Power (W)
80
72
64
56
48
40
NMT0572S – Channel V03 (72V NOM)
NMT1272S – Channel V03 (72V NOM)
0
0.5
1.0
1.5
2.0
2.5
3.0
Output Power (W)
100
80
60
40
20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Output Power (W)
120
108
96
84
72
60
0
0.5
1.0
1.5
2.0
2.5
3.0
Output Power (W)
100
80
60
40
20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Output Power (W)
120
108
96
84
72
60
21.80
Weight: 3.85g
7.50
11.10
4.60
3.60
MECHANICAL DIMENSIONS
2.10
NMT0572S
XYYWW
1 2
5
6
7
8
All dimensions in mm XX.XX ±0.25mm.
All pins on a 2.54mm pitch and within ±0.25mm of true position.
1.17
0.55
0.45
0.55
0.45
0.30
0.20
2.54



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com