Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTA Datasheet(PDF) 2 Page - C&D Technologies

Part # NTA
Description  Isolated 1W Dual Output SM DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NTA Datasheet(HTML) 2 Page - C&D Technologies

  NTA Datasheet HTML 1Page - C&D Technologies NTA Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: info@cdtechno-ncl.com
www.cdpoweronline.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com
NTA SERIES
Isolated 1W Dual Output SM DC-DC Converters
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2003
NDC NTA.3
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.cdpoweronline.com
ISOLATION CHARACTERISTICS
GENERAL CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
PERFORMANCE CHARACTERISTICS
Parameter
Conditions
MIN
TYP
MAX
Units
Isolation Test Voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso=1000VDC
10
GΩ
Parameter
Conditions
MIN
TYP
MAX
Units
Switching Frequency
3V input types
100
kHz
5V & 12V input types
115
Parameter
Conditions
MIN
TYP
MAX
Units
Specification
All output types
-40
85
°C
Storage
-55
125
°C
Case Temperature
NTA312M, NTA315M
19
Case Temperature
5V output types
46
°C
above ambient
All other output types
35
Cooling
Free air convection
tolerance envelope
+10%
+5%
V nominal
temperature derating graph
2.0
1.5
1.0
0.5
0
+2.5%
-2.5%
-7.5%
MECHANICAL DIMENSIONS
10
50
100
Output Load Current (%)
-40
0
50
100
150
Ambient Temperature (°C)
85°C
Safe Operating Area
PIN
1
GND
3VIN
5NA
70V
9-V
10
NA
12
+V
14
NA
16
NA
18
NA
Weight: 1.53g
All dimensions in mm XX.XX ±0.25mm. All pins on a 2.54mm pitch.
15.24
10.16
11.20
10.40
6.60
(5.95)
(6.35)
5.85
0.65
0.55
0.30
0.20
1.875
MAX
DETAIL A
DETAIL A
1.50
1.20
7.70
2.54
2.10
0.5
REFERENCE
PLANE
±5.00°
0.25
0.10
2.79MAX
13
5
7
9
10
12
14
16
18
0.1S
0.2 M
P
S
P
NTA0505M
XYYWW
10 PINS
SEATING PLANE
S



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com