Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS569J Datasheet(PDF) 5 Page - Motorola, Inc

Part # SN54LS569J
Description  FOUR-BIT UP/DOWN COUNTER WITH THREE-STATE OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS569J Datasheet(HTML) 5 Page - Motorola, Inc

  SN54LS569J Datasheet HTML 1Page - Motorola, Inc SN54LS569J Datasheet HTML 2Page - Motorola, Inc SN54LS569J Datasheet HTML 3Page - Motorola, Inc SN54LS569J Datasheet HTML 4Page - Motorola, Inc SN54LS569J Datasheet HTML 5Page - Motorola, Inc SN54LS569J Datasheet HTML 6Page - Motorola, Inc SN54LS569J Datasheet HTML 7Page - Motorola, Inc SN54LS569J Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5-577
FAST AND LS TTL DATA
fMAX
Maximum Toggle Frequency
35
MHz
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay
Clock to Q
15
20
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay
CET to RCO
14
15
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay
U/D to RCO
20
24
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay
Clock to RCO
20
25
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay
CET to CCO
16
28
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay
CEP to CCO
16
26
ns
tPLH
tPHL
Propagation Delay
Clock to CCO
15
17
ns
tPLH
tPHL
Propagation Delay
ACLR to Q
22
32
ns
tPZH
tPZL
Output Enable Time
15
20
ns
tPHZ
tPLZ
Output Disable Time
20
27
ns
CL = 5.0 pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com