Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS623 Datasheet(PDF) 3 Page - Motorola, Inc

Part # SN54LS623
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS623 Datasheet(HTML) 3 Page - Motorola, Inc

  SN54LS623 Datasheet HTML 1Page - Motorola, Inc SN54LS623 Datasheet HTML 2Page - Motorola, Inc SN54LS623 Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5-3
FAST AND LS TTL DATA
SN54/74LS623
AC CHARACTERISTICS (TA = 25°C, VCC = 5.0 V)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Propagation Delay
A to B
8.0
11
15
15
ns
CL = 45 pF,
RL = 667 Ω
tPLH
tPHL
Propagation Delay
B to A
8.0
11
15
15
ns
CL = 45 pF,
RL = 667 Ω
tPZL
tPZH
Output Enable Time
GBA to A
31
26
40
40
ns
CL = 45 pF,
RL = 667 Ω
tPZL
tPZH
Output Enable Time
GAB to B
31
26
40
40
ns
tPLZ
tPHZ
Output Disable Time
GBA to A
15
15
25
25
ns
CL = 5.0 pF
tPLZ
tPHZ
Output Disable Time
GAB to B
15
15
25
25
ns
CL = 5.0 pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com