Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX301 Datasheet(PDF) 4 Page - C&D Technologies

Part # NX301
Description  300 WATT AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NX301 Datasheet(HTML) 4 Page - C&D Technologies

  NX301 Datasheet HTML 1Page - C&D Technologies NX301 Datasheet HTML 2Page - C&D Technologies NX301 Datasheet HTML 3Page - C&D Technologies NX301 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NX301 3/98 REV B
Page 4
The information provided herein is believed to be reliable; however, C&D Technologies assumes no responsibility for inaccuracies or omissions. C&D Technologies assumes no
responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No
patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D Technologies does not authorize or warrant any C&D Technologies product
for use in life support devices/systems or in aircraft control applications.
Mechanical
8.50
0.25
0.55
3.90
9.00
4.85
1.95
0.040
COVER
OUTPUT NO. 1
TB2
J9
5V RETURN
5V
6-32 THD 4 PLC’S
Maximum depth of mounting
screws is 0.156 inches
TB1
NOTES:
All measurements are in inches
FAN MOUNTED ON COVER ADDS 1.30”.
COOLING: The NX301 is designed to operate with 30 CM airflow.
SHOCK AND VIBRATION: The NX301 meets the requirements of MIL STD-810D. (Vibration-Method 514.3 Procedure I; Shock-Method 516.3 Procedure I).
WEIGHT: Approximately 3 lbs.
TOP VIEW
Terminal Block 1
Terminal Block 2
POS
FUNCTION
POS
FUNCTION
1
AC Line
1
-V2
2
AC Neutral
2
+V2
3
Ground
3
-V3
4
+V3
5
-V4
6
+V4
J9 Connector
J9 Connector
PIN
FUNCTION
Molex No.
1
+ Sense
Connector
22-28-1090
2
- Sense
3
N/C
4
N/C
5
Start Up Sync.
6
Power Fail
7
Remote Inhibit
8
Current Share
9
Cntl Signal Rtn
Standard Options are shown, consult factory for other available options.
1
1
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com