Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4064DPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRGS4064DPBF
Description  Low Switching Losses Square RBSOA
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4064DPBF Datasheet(HTML) 1 Page - International Rectifier

  IRGS4064DPBF Datasheet HTML 1Page - International Rectifier IRGS4064DPBF Datasheet HTML 2Page - International Rectifier IRGS4064DPBF Datasheet HTML 3Page - International Rectifier IRGS4064DPBF Datasheet HTML 4Page - International Rectifier IRGS4064DPBF Datasheet HTML 5Page - International Rectifier IRGS4064DPBF Datasheet HTML 6Page - International Rectifier IRGS4064DPBF Datasheet HTML 7Page - International Rectifier IRGS4064DPBF Datasheet HTML 8Page - International Rectifier IRGS4064DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
IRGS4064DPbF
1
www.irf.com
02/16/12
VCES = 600V
IC = 10A, TC = 100°C
tsc > 5µs, Tjmax = 175°C
VCE(on) typ. = 1.6V
PD - 96424
GC
E
Gate
Collector
Emitter
E
G
n-channel
C
Features
• Low VCE (on) Trench IGBT Technology
• Low Switching Losses
• Maximum Junction temperature 175 °C
• 5μs SCSOA
• Square RBSOA
• 100% of The Parts Tested for (ILM)
• Positive VCE (on) Temperature Coefficient.
• Ultra Fast Soft Recovery Co-pak Diode
• Tighter Distribution of Parameters
• Lead-Free Package
Benefits
• High Efficiency in a Wide Range of Applications
• Suitable for a Wide Range of Switching Frequencies due
to Low VCE (ON) and Low Switching Losses
• Rugged Transient Performance for Increased Reliability
• Excellent Current Sharing in Parallel Operation
• Low EMI
D2Pak
C
E
C
G
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Breakdown Voltage
600
V
IC@ TC = 25°C
Continuous Collector Current
20
IC@ TC = 100°C
Continuous Collector Current
10
ICM
Pulsed Collector Current
40
ILM
Clamped Inductive Load Current
c
40
A
IF@TC=25°C
Diode Continuous Forward Current
20
IF@TC=100°C
Diode Continuous Forward Current
10
IFM
Diode Maximum Forward Current
d
40
Continuous Gate-to-Emitter Voltage
±20
V
Transient Gate-to-Emitter Voltage
±30
PD @ TC =25°
Maximum Power Dissipation
101
W
PD @ TC =100°
Maximum Power Dissipation
50
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case - IGBT
e
–––
–––
1.49
RθJC
Junction-to-Case - Diode
e
–––
–––
3.66
RθCS
Case-to-Sink, flat, greased surface
–––
0.50
–––
RθJA
Junction-to-Ambient, typical socket mount
e
–––
–––
40
Wt
Weight
1.5
g
°C/W
VGE
-55 to + 175
300 (0.063 in. (1.6mm) from case)


Similar Part No. - IRGS4064DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGS4064DPBF IRF-IRGS4064DPBF Datasheet
290Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGS4064DPBF IRF-IRGS4064DPBF_15 Datasheet
290Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGS4064DPBF

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MWI50-12E7 IXYS-MWI50-12E7 Datasheet
130Kb / 4P
Short Circuit SOA Capability Square RBSOA
MWI60-06G6K IXYS-MWI60-06G6K Datasheet
90Kb / 2P
Sixpack Square RBSOA
logo
International Rectifier
IRGB4045DPBF IRF-IRGB4045DPBF_15 Datasheet
387Kb / 10P
Low Switching Losses
logo
HY ELECTRONIC CORP.
HYG15P120A1K1 HY-HYG15P120A1K1 Datasheet
1Mb / 8P
low switching losses
HYG30P120H1K1 HY-HYG30P120H1K1 Datasheet
1Mb / 8P
low switching losses
HYG75P120D1S HY-HYG75P120D1S Datasheet
474Kb / 4P
low switching losses
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
low switching losses and saturation losses
logo
International Rectifier
AUIRGDC0250 IRF-AUIRGDC0250 Datasheet
305Kb / 11P
Low Switching Losses
logo
STMicroelectronics
STTH8BC065 STMICROELECTRONICS-STTH8BC065 Datasheet
47Kb / 3P
low switching losses
05-Nov-2010
logo
Littelfuse
MG12150S-DEN2MM LITTELFUSE-MG12150S-DEN2MM Datasheet
1Mb / 5P
Low switching losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com