Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4610DPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRGS4610DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4610DPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRGS4610DPBF Datasheet HTML 3Page - International Rectifier IRGS4610DPBF Datasheet HTML 4Page - International Rectifier IRGS4610DPBF Datasheet HTML 5Page - International Rectifier IRGS4610DPBF Datasheet HTML 6Page - International Rectifier IRGS4610DPBF Datasheet HTML 7Page - International Rectifier IRGS4610DPBF Datasheet HTML 8Page - International Rectifier IRGS4610DPBF Datasheet HTML 9Page - International Rectifier IRGS4610DPBF Datasheet HTML 10Page - International Rectifier IRGS4610DPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
IRGR/S/B4610DPbF
7
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
October 25, 2013
Fig. 20 - Typical Diode QRR
VCC= 400V; VGE= 15V; TJ = 175°C
Fig. 19- Typical Diode IRR vs. diF/dt
VCC= 400V; VGE= 15V;
ICE= 6.0A; TJ = 175°C
Fig. 24 - Typical Gate Charge vs. VGE
ICE = 6.0A, L=600μH
Fig. 23- Typ. Capacitance vs. VCE
VGE= 0V; f = 1MHz
Fig. 22- Typ. VGE vs. Short Circuit Time
VCC=400V, TC =25°C
Fig. 21 - Typical Diode ERR vs. IF
TJ = 175°C
0
100
200
300
400
500
VCE (V)
1
10
100
1000
Cies
Coes
Cres
0
200
400
600
800
1000 1200
diF /dt (A/μs)
6
8
10
12
14
16
18
20
2
4
6
8
10
12
14
IF (A)
50
100
150
200
250
300
350
RG = 10Ω
RG = 22Ω
RG = 47Ω
RG = 100Ω
8
1012
14
1618
VGE (V)
0
5
10
15
20
10
20
30
40
50
Tsc
Isc
0
2
4
6
8
10
12
14
Q G, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
16
VCES= 400V
VCES= 300V
0
500
1000
1500
diF /dt (A/μs)
200
400
600
800
1000
1200
10Ω
22Ω
100Ω
47Ω
6.0A
12A
3.0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com