Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4615DPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRGS4615DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4615DPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRGS4615DPBF Datasheet HTML 4Page - International Rectifier IRGS4615DPBF Datasheet HTML 5Page - International Rectifier IRGS4615DPBF Datasheet HTML 6Page - International Rectifier IRGS4615DPBF Datasheet HTML 7Page - International Rectifier IRGS4615DPBF Datasheet HTML 8Page - International Rectifier IRGS4615DPBF Datasheet HTML 9Page - International Rectifier IRGS4615DPBF Datasheet HTML 10Page - International Rectifier IRGS4615DPBF Datasheet HTML 11Page - International Rectifier IRGS4615DPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IRGS/B4615DPbF
9
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
October 25, 2013
Fig. WF1 - Typ. Turn-off Loss Waveform
@ TJ = 175°C using Fig. CT.4
Fig. WF2 - Typ. Turn-on Loss Waveform
@ TJ = 175°C using Fig. CT.4
WF.3- Typ. Reverse Recovery Waveform
@ TJ = 175°C using CT.4
WF.4- Typ. Short Circuit Waveform
@ TJ = 25°C using CT.3
-100
0
100
200
300
400
500
-0.40
0.10
0.60
1.10
Time(μs)
-5
0
5
10
15
20
25
EOFF Loss
5% VCE
5% ICE
90% ICE
tf
-100
0
100
200
300
400
500
11.70
11.90
12.10
Time (μs)
-5
0
5
10
15
20
25
EON Loss
TEST
90% test
t
10% test current
5% VCE
tr
-20
-15
-10
-5
0
5
10
15
-0.05
0.05
0.15
time (μS)
Peak
IRR
QRR
tRR
10%
Peak
IRR
-100
0
100
200
300
400
500
-5.00
0.00
5.00
10.00
time (μS)
-20
0
20
40
60
80
100
VCE
ICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com