Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4615DTRLPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRGS4615DTRLPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4615DTRLPBF Datasheet(HTML) 1 Page - International Rectifier

  IRGS4615DTRLPBF Datasheet HTML 1Page - International Rectifier IRGS4615DTRLPBF Datasheet HTML 2Page - International Rectifier IRGS4615DTRLPBF Datasheet HTML 3Page - International Rectifier IRGS4615DTRLPBF Datasheet HTML 4Page - International Rectifier IRGS4615DTRLPBF Datasheet HTML 5Page - International Rectifier IRGS4615DTRLPBF Datasheet HTML 6Page - International Rectifier IRGS4615DTRLPBF Datasheet HTML 7Page - International Rectifier IRGS4615DTRLPBF Datasheet HTML 8Page - International Rectifier IRGS4615DTRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRGS4615DPbF
IRGB4615DPbF
VCES = 600V
IC = 15A, TC = 100°C
tsc > 5µs, Tjmax = 175°C
VCE(on) typ. = 1.55V @ 8A
TO-220AB
IRGB4615DPbF
C
E
C
G
GC
E
Gate
Collector
Em itter
E
G
n-channel
C
D2-Pak
IRGS4615DPbF
G
C
E
Applications
• Appliance Drives
• Inverters
• UPS
Features
Benefits
Low VCE(ON) and switching losses
High efficiency in a wide range of applications and switching frequencies
Square RBSOA and maximum junction temperature 175°C
Improved reliability due to rugged hard switching performance and higher
power capability
Positive VCE(ON) temperature coefficient and tighter distribution of
parameters
Excellent current sharing in parallel operation
5μs short circuit SOA
Enables short circuit protection scheme
Lead-free, RoHS compliant
Environmentally friendly
→
Base part number
Package Type
Orderable Part Number
Form
Quantity
IRGS4615DPbF
Tube
50
IRGS4615DPbF
IRGS4615DTRRPbF
Tape and Reel Right
800
IRGS4615DTRRPbF
IRGS4615DTRLPbF
Tape and Reel Left
800
IRGS4615DTRLPbF
IRGB4615DPbF
TO-220AB
Tube
50
IRGB4615DPbF
Standard Pack
D
2 PAK
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Breakdown Voltage
V
IC@ TC = 25°C
Continuous Collector Current
IC@ TC = 100°C
Continuous Collector Current
ICM
Pulsed Collector Current, VGE = 15V
c
ILM
Clamped Inductive Load Current, VGE = 20V
c
A
IF@TC=25°C
Diode Continuous Forward Current
IF@TC=100°C
Diode Continuous Forward Current
IFM
Diode Maximum Forward Current
d
Continuous Gate-to-Emitter Voltage
V
Transient Gate-to-Emitter Voltage
PD @ TC =25°
Maximum Power Dissipation
W
PD @ TC =100°
Maximum Power Dissipation
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds (1.6mm from case)
Mounting Torque, 6-32 or M3 Screw
TO-220
-40 to + 175
10lbf. In (1.1 N.m)
± 20
± 30
99
50
°C
300
VGE
600
23
15
24
32
14
9
32
1
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
October 25, 2013


Similar Part No. - IRGS4615DTRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGS4615DPBF IRF-IRGS4615DPBF Datasheet
320Kb / 13P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGS4615DPBF IRF-IRGS4615DPBF_15 Datasheet
320Kb / 13P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGS4615DTRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10SDPBF IRF-IRG4BC10SDPBF Datasheet
267Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4IBC20KDPBF IRF-IRG4IBC20KDPBF Datasheet
278Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH30KDPBF IRF-IRG4PH30KDPBF Datasheet
468Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB10B60KD1P IRF-IRGIB10B60KD1P Datasheet
452Kb / 13P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2PBF IRF-IRGR3B60KD2PBF Datasheet
317Kb / 14P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40UDPBF IRF-IRG4PC40UDPBF Datasheet
3Mb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PSH71UDPBF IRF-IRG4PSH71UDPBF Datasheet
239Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com