Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIMMD100EB160X Datasheet(PDF) 2 Page - Micross Components

Part # MIMMD100EB160X
Description  1600V 100A Rectifier Module RoHS Compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMD100EB160X Datasheet(HTML) 2 Page - Micross Components

  MIMMD100EB160X Datasheet HTML 1Page - Micross Components MIMMD100EB160X Datasheet HTML 2Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIMMD100EB160X
ELECTRICAL AND THERMAL CHARACTERISTICS
TC=25°C unless otherwise specified
Symbol
Test Condition
Value
Unit
IR
VR= VRRM; TJ = 25
≤0.
5
mA
VR= VRRM; TJ =TJM
≤5
mA
VF
IF=200A; TJ=125
1.4
V
VT0
For power-loss calculations only
0.8
V
RthJC
per diode; DC current
0.9
K/W
Per module
0.15
K/W
RthCS
per diode; DC current(typ.)
0.42
K/W
per module(typ.)
0.07
K/W
dS
Creeping distance on surface
10
mm
dA
Cree page distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s2
NOTE: Data according to IEC 60747 and refer to a single diode unless otherwise stated.
Package Outline (Dimensions in mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com