Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR1301 Datasheet(PDF) 1 Page - C&D Technologies

Part # PWR1301
Description  1.5 WATT UNREGULATED DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR1301 Datasheet(HTML) 1 Page - C&D Technologies

  PWR1301 Datasheet HTML 1Page - C&D Technologies PWR1301 Datasheet HTML 2Page - C&D Technologies PWR1301 Datasheet HTML 3Page - C&D Technologies PWR1301 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PWR13XX 4/2002 REV G
Page 1
Product Data Sheet
1.5 WATTS UNREGULATED
DC/DC CONVERTERS
Website: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 520.295.4100
Fax: 520.295.4197
PWR13XX
FEATURES
HIGH ISOLATION - 4000V RATING
8000V ISOLATION TEST VOLTAGE
BARRIER 100% PRODUCTION TESTED
LOW BARRIER CAPACITANCE - 10PF
LOW LEAKAGE CURRENT - 2µA MAX
24-PIN DIP PACKAGE
INTERNAL FILTERING
APPLICATIONS
BIOMEDICAL DATA ACQUISITION
INDUSTRIAL PROCESS CONTROL
ANALYTICAL MEASUREMENTS
GROUND LOOP ELIMINATION
INTRINSIC SAFETY SYSTEMS
DESCRIPTION
The PWR13XX Series offers a broad line of low-cost,
high-isolation voltage, unregulated, single and dual output
DC/DC converters in a 24-pin DIP package. These small
converters offer a 4000V isolation rating in a 1.25" x 0.8"
package area.
The dielectric withstand characteristics of each converter
is tested in production to ensure barrier integrity. During the
development of the PWR13XX Series extensive testing
was done to verify that subjecting the barrier to as many
as ten barrier tests will not destroy the barrier.
The PWR13XX Series uses advanced circuit design and
packaging technology to realize superior reliability and
performance. A 220kHz driven push-pull oscillator is used
to ensure stable frequency and non-saturating operation
of the input stage. This means there are no high peak
voltages or currents like other design topologies, which
can reduce unit reliability. Reliability is further enhanced
by the use of MOSPOWER transistors. These rugged
devices permit higher frequency operation with less
complicated drive circuitry than is possible with bipolar
power transistors. Reduced parts count adds to the reliability
of the PWR13XX Series.
The high efficiency of the PWR13XX Series means less
internal power dissipation. With less heat to dissipate,
the PWR13XX Series can operate over a wider ambient
temperature range with no degradation of reliable operation.
The PWR13XX Series offers the user low cost without
sacrificing reliability. The use of surface mounted devices
and manufacturing technologies make it possible to offer
premium performance and low cost. Testing of the
PWR13XX isolation barrier is performed per the methods
set forth by UL544, VDE750, CSA 22.2 and IEC 601-1.
C&D Technologies, (NCL)
Milton Keynes MK14 5BU UK
Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545


Similar Part No. - PWR1301

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR1301AC MURATA-PS-PWR1301AC Datasheet
141Kb / 4P
1.5 Watts Unregulated DC/DC Converters
PWR1301AC MURATA-PS-PWR1301AC Datasheet
599Kb / 4P
1.5 Watts Unregulated DC/DC Converters
2021
More results

Similar Description - PWR1301

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HL01U CANDD-HL01U Datasheet
54Kb / 4P
1 WATT UNREGULATED DC/DC CONVERTER
HL02U CANDD-HL02U Datasheet
53Kb / 4P
2 WATT UNREGULATED DC/DC CONVERTER
PWR11XX CANDD-PWR11XX Datasheet
165Kb / 4P
1.5 WATT UNREGULATED DUAL-IN-LINE DC/DC CONVERTER
PWR1546A CANDD-PWR1546A Datasheet
241Kb / 4P
5 WATT UNREGULATED DC/DC CONVERTER
PWR1726A CANDD-PWR1726A Datasheet
338Kb / 4P
1.5 WATT UNREGULATED DC/DC CONVERTER
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
1.8 WATT UNREGULATED DC/DC CONVERTER
PWR70XX CANDD-PWR70XX Datasheet
121Kb / 4P
5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
1 WATT UNREGULATED DC/DC CONVERTER
PWR1100C MURATA-PS-PWR1100C Datasheet
146Kb / 4P
1.5 Watt Unregulated Dual-in-Line DC/DC Converter
logo
AIMTEC
AM2LW-NZ AIMTEC-AM2LW-NZ Datasheet
148Kb / 3P
1.5 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com