Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS540 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 74LS540
Description  OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS540 Datasheet(HTML) 3 Page - Motorola, Inc

  74LS540 Datasheet HTML 1Page - Motorola, Inc 74LS540 Datasheet HTML 2Page - Motorola, Inc 74LS540 Datasheet HTML 3Page - Motorola, Inc 74LS540 Datasheet HTML 4Page - Motorola, Inc 74LS540 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AC WAVEFORMS
1.5 V
1.5 V
1.5 V
1.3 V
1.3 V
1.3 V
1.3 V
VIN
VOUT
tPLH
tPHL
1.3 V
1.3 V
VIN
VOUT
SW2
CL*
5 kΩ
SW1
VCC
RL
TO OUTPUT
UNDER TEST
1.3 V
tPLH
tPHL
VE
VE
VOUT
VE
VE
VOUT
tPHZ
1.5 V
1.5 V
tPZL
tPLZ
VOL
1.5 V
≥VOH
0.5 V
tPZH
1.3 V
Figure 1
Figure 2
Figure 3
Figure 4
Figure 5
≈ 1.5 V
0.5 V
≈ 1.5 V
SWITCH POSITIONS
5-570
FAST AND LS TTL DATA
SN54/74LS540
• SN54/74LS541
AC CHARACTERISTICS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
Propagation Delay,
Data to Output
LS540
9.0
15
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
Propagation Delay,
Data to Output
LS541
12
15
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPHL
Propagation Delay,
Data to Output
LS540
12
15
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPHL
LS541
12
18
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPZH
Output Enable Time
to HIGH Level
LS540
15
25
ns
CL = 45 pF
RL = 667 Ω
tPZH
Output Enable Time
to HIGH Level
LS541
15
32
ns
L = 667 Ω
tPZL
Output Enable Time
to LOW Level
LS540
20
38
ns
tPZL
Output Enable Time
to LOW Level
LS541
20
38
ns
tPHZ
Output Disable Time
to HIGH Level
LS540
10
18
ns
CL = 5.0 pF
tPHZ
Output Disable Time
to HIGH Level
LS541
10
18
ns
CL = 5.0 pF
tPLZ
Output Disable Time
to LOW Level
LS540
15
25
ns
CL = 5.0 pF
tPLZ
Output Disable Time
to LOW Level
LS541
15
29
ns
SYMBOL
SW1
SW2
tPZH
Open
Closed
tPZL
Closed
Open
tPLZ
Closed
Closed
tPHZ
Closed
Closed



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com