Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR1302 Datasheet(PDF) 4 Page - C&D Technologies

Part # PWR1302
Description  1.5 WATT UNREGULATED DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR1302 Datasheet(HTML) 4 Page - C&D Technologies

  PWR1302 Datasheet HTML 1Page - C&D Technologies PWR1302 Datasheet HTML 2Page - C&D Technologies PWR1302 Datasheet HTML 3Page - C&D Technologies PWR1302 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PWR13XX 4/2002 REV G
Page 4
TYPICAL PERFORMANCE CURVES
Specifications at T
A = +25
°C, nominal input voltage, rated output current
16.00
15.75
15.50
15.25
15.0
14.00
13.50
13.00
12.50
12.00
0
25%
50%
75%
100%
0
25%
50%
75%
100%
0
25%
50%
75%
100%
5.8
5.6
5.4
5.2
5.0
Load (% of Rated)
Load (% of Rated)
Load (% of Rated)
0
25%
50%
75%
100%
Load (% of Rated)
Load (% of Rated)
14.00
13.50
13.00
12.50
12.0
0
25%
50%
75%
100%
16.00
15.75
15.50
15.25
15.0
0
25%
50%
75%
100%
5.8
5.6
5.4
5.2
5.0
V
OUT VS LOAD
(5VOUT MODELS)
V
OUT VS LOAD
(12VOUT MODELS)
V
OUT VS LOAD
(15VOUT MODELS)
V
OUT VS LOAD
(±15VOUT MODELS)
Load (% of Rated)
V
OUT VS LOAD
(±5VOUT MODELS)
V
OUT VS LOAD
(±12VOUT MODELS)
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to
be accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or
completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby
disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising from
any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user’s intended purpose and
in user’s specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace
applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com