Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

01M2002SPB3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 01M2002SPB3
Description  NTC Thermistors Coated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

01M2002SPB3 Datasheet(HTML) 2 Page - Vishay Siliconix

  01M2002SPB3 Datasheet HTML 1Page - Vishay Siliconix 01M2002SPB3 Datasheet HTML 2Page - Vishay Siliconix 01M2002SPB3 Datasheet HTML 3Page - Vishay Siliconix 01M2002SPB3 Datasheet HTML 4Page - Vishay Siliconix 01M2002SPB3 Datasheet HTML 5Page - Vishay Siliconix 01M2002SPB3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
105
M, C, T
Vishay Dale
Document Number: 33003
Revision 22-Sep-04
For technical questions, contact: thermistor1@vishay.com
123
4789
12
14
17
27
•
33
••
50
•••
56
•••
68
•
•••
82
••
•••
100
••
•••
120
••
•••
150
•••
•••
180
•••
•••
220
•••
•••
270
•••
330
•
•••
390
••
•••
470
••
•••
500
••
•••
560
••
•••
680
•••
820
•••
1K
•••
1.2K
•••
1.5K
•••
1.8K
•
•••
2.2K
•
•••
2.7K
••
•••
3.3K
••
•••
3.9K
•••
4.7K
•••
5K
•••
5.6K
•••
6.8K
•••
•
8.2K
•••
•
•
10K
•••
•
••
••
12K
•••
•
••
••
15K
•••
••
•••
•••
18K
•••
••
•••
•••
22K
••
•••
•••
27K
••
•
•
•••
•••
33K
•••
•
••
•••
•••
39K
•••
••
••
•••
•••
47K
•••
••
•••
•••
•••
50K
•••
••
•••
•••
•••
56K
•••
•••
•••
•••
68K
•••
•••
•••
82K
•••
•••
•••
100K
•••
•••
•••
120K
•••
•••
150K
•••
•••
180K
•••
•••
220K
•••
270K
•••
330K
•
390K
••
470K
••
500K
•••
560K
•••
680K
•••
820K
•••
1 Meg
•••
R25
(Ohms)
CURVE NUMBER
SELECTION GUIDE FOR TYPE M, C, AND T THERMISTORS
NOTE:
1. Intermediate resistance values between
the standard value series are available.
Size would be the same as the color
grouping.
2. Other body diameters available. Bead
diameter increases as Res. decreases.
(Consult Factory)
3. Leaded series of thermistors includes
additional styles: (Consult Factory)
Type B: 26AWG lead, 0.0159 [0.40]
Type F: 32AWG lead, 0.008 [0.20]
Type E: 24AWG lead, 0.020 [0.51]
Type D: 22AWG lead, 0.025 [0.64]
Type G: 20AWG lead, 0.032 [0.81]
Type H: 18AWG lead, 0.040 [1.02]
MAXIMUM BODY DIAMETER
•
0.125 [3.2]
••
0.110 [2.8]
•••
0.095 [2.4]
DISSIPATION CONSTANT
2 - 3 mWatts/°C
THERMAL TIME CONSTANT
6 - 14 Seconds
NTC Thermistors, Coated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com