Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX401 Datasheet(PDF) 4 Page - C&D Technologies

Part # PX401
Description  400 WATT AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PX401 Datasheet(HTML) 4 Page - C&D Technologies

  PX401 Datasheet HTML 1Page - C&D Technologies PX401 Datasheet HTML 2Page - C&D Technologies PX401 Datasheet HTML 3Page - C&D Technologies PX401 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PX401 4/98 REV B
Page 4
Model PX403 features Active Current Sharing
Standard Options are shown, consult factory for other available options.
Pin Specifications
Terminal Block 1
Terminal Block 2
POS
FUNCTION
POS
FUNCTION
1
Ground
1
-V4
2
AC Neutral
2
+V4
3
AC Line
3
-V3
4
+V3
5-V2
6
+V2
The information provided herein is believed to be reliable; however, C&D Technologies assumes no responsibility for inaccuracies or omissions. C&D Technologies assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without
notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D Technologies does not authorize or warrant any C&D
Mechanical
0.700
0.550
3.900
10.000
8.500
2.148
4.850
0,040
COVER
TB1
Maximum depth of mounting screws is 0.156”
TB2
5V
5V Return
J9
TOPVIEW
1
2
3
1
2
3
4
5
6
NOTES: All measurements are in inches
FAN MOUNTED ON COVER ADDS 1.30”.
COOLING: The PX401/403 is designed to operate with 40 CFM airflow.
SHOCK AND VIBRATION: The PX401/403 family meets the requirements of MIL STD-810D. D(Vibration-Method 514.3 Procedure I; Shock-Method 516.3
Proedure I).
WEIGHT: Approximately 4 lbs.
J9 Connector
J9 Connector
PIN
FUNCTION
Molex No.
1
- Sense
Connector
22-28-1050
2
+ Sense
3
Current Share
4
Remote Inhibit
5
Power Fail
Connector Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com