Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12CGQ150SCV Datasheet(PDF) 2 Page - International Rectifier

Part # 12CGQ150SCV
Description  SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

12CGQ150SCV Datasheet(HTML) 2 Page - International Rectifier

  12CGQ150SCV Datasheet HTML 1Page - International Rectifier 12CGQ150SCV Datasheet HTML 2Page - International Rectifier 12CGQ150SCV Datasheet HTML 3Page - International Rectifier 12CGQ150SCV Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.irf.com
12CGQ150, 1N7039CCT1
Parameters
Limits
Units
Conditions
IF(AV) Max. Average Forward Current
35
A
50% duty cycle @TC = 74°C, square waveform
See Fig. 5
IFSM Max. Peak One Cycle Non - Repetitive
180
A
@ tp = 8.3 ms half-sine
Surge Current (Per Leg)
Absolute Maximum Ratings
 Pulse Width < 300µs, Duty Cycle < 2%
Parameters
Limits Units
Conditions
TJ
Max.Junction Temperature Range
-65 to 150
°C
Tstg
Max. Storage Temperature Range
-65 to 150
°C
RthJC Max. Thermal Resistance, Junction
1.9
°C/W
DC operation
See Fig. 4
to Case (Per Leg)
RthJC Max. Thermal Resistance, Junction
0.95
°C/W
DC operation
to Case (Per Package)
wt
Weight (Typical)
9.3
g
Die Size
125X125
mils
Case Style
TO-254AA
Thermal-Mechanical Specifications
Voltage Ratings
Parameters
Limits Units
Conditions
VFM
Max. Forward Voltage Drop
1.35
V
@15A
(Per Leg) See Fig. 1

1.13
V
@15A
1.60
V
@35A
0.86
V
@15A
1.20
V
@35A
IRM
Max. Reverse Leakage Current
0.5
mA
TJ = 25°C
VR = rated VR
(Per Leg) See Fig. 2

15
mA
TJ = 125°C
CT
Max. Junction Capacitance (Per Leg)
350
pF
VR = 5VDC ( 1MHz, 25°C )
L S
Typical Series Inductance (Per Leg)
6.7
nH
Measured from anode lead to cathode lead
6mm ( 0.025 in.) from package.
Electrical Specifications
TJ = -55°C
TJ = 25°C
TJ = 125°C
Part number
1N7039CCT1
VR
Max. DC Reverse Voltage (V) (Per Leg)
VRWM Max. Working Peak Reverse Voltage (V) (Per Leg)
150



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com