Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC144EE Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTC144EE
Description  NPN resistor-equipped transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC144EE Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTC144EE Datasheet HTML 1Page - NXP Semiconductors PDTC144EE Datasheet HTML 2Page - NXP Semiconductors PDTC144EE Datasheet HTML 3Page - NXP Semiconductors PDTC144EE Datasheet HTML 4Page - NXP Semiconductors PDTC144EE Datasheet HTML 5Page - NXP Semiconductors PDTC144EE Datasheet HTML 6Page - NXP Semiconductors PDTC144EE Datasheet HTML 7Page - NXP Semiconductors PDTC144EE Datasheet HTML 8Page - NXP Semiconductors PDTC144EE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
Product profile
1.1 General description
NPN Resistor-Equipped Transistor (RET) family in Surface-Mounted Device (SMD)
plastic packages.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
PDTC144E series
NPN resistor-equipped transistors;
R1 = 47 k
, R2 = 47 k
Rev. 9 — 15 November 2011
Product data sheet
Table 1.
Product overview
Type number
Package
PNP
complement
Package
configuration
NXP
JEITA
JEDEC
PDTC144EE
SOT416
SC-75
-
PDTA144EE
ultra small
PDTC144EM
SOT883
SC-101
-
PDTA144EM
leadless ultra small
PDTC144ET
SOT23
-
TO-236AB PDTA144ET
small
PDTC144EU
SOT323
SC-70
-
PDTA144EU
very small
100 mA output current capability
Reduces component count
Built-in bias resistors
Reduces pick and place costs
Simplifies circuit design
AEC-Q101 qualified
Digital applications in automotive and
industrial segments
Cost-saving alternative for BC847/857
series in digital applications
Control of IC inputs
Switching loads
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
33
47
61
k
R2/R1
bias resistor ratio
0.8
1
1.2


Similar Part No. - PDTC144EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144EE PHILIPS-PDTC144EE Datasheet
65Kb / 8P
NPN resistor-equipped transistor
1998 Jul 16
PDTC144EE PHILIPS-PDTC144EE Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k ohm, R2 = 47 k ohm
2004 Aug 17
PDTC144EE NXP-PDTC144EE Datasheet
188Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PDTC144EE NEXPERIA-PDTC144EE Datasheet
1Mb / 17P
NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 9 - 15 November 2011
logo
NXP Semiconductors
PDTC144EEF PHILIPS-PDTC144EEF Datasheet
48Kb / 8P
NPN resistor-equipped transistor
1999 May 27
More results

Similar Description - PDTC144EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114Y PHILIPS-PDTC114Y Datasheet
92Kb / 14P
NPN resistor-equipped transistors
2004 Aug 17
PEMD19 PHILIPS-PEMD19 Datasheet
62Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 01-17 February 2005
PEMH16 NXP-PEMH16 Datasheet
284Kb / 9P
NPN/NPN resistor-equipped transistors;
Rev. 04-15 November 2009
PDTC114ET PHILIPS-PDTC114ET Datasheet
717Kb / 17P
NPN resistor-equipped transistors
Rev. 12-21 December 2011
PDTC143E PHILIPS-PDTC143E_15 Datasheet
755Kb / 17P
NPN resistor-equipped transistors;
Rev. 10-8 December 2011
PEMH19_PUMH19 PHILIPS-PEMH19_PUMH19_15 Datasheet
260Kb / 8P
NPN/NPN resistor-equipped transistors
Rev. 03-15 November 2009
logo
Nexperia B.V. All right...
PEMD20 NEXPERIA-PEMD20 Datasheet
178Kb / 11P
NPN/PNP resistor-equipped transistors;
PEMH24 NEXPERIA-PEMH24 Datasheet
179Kb / 10P
NPN/NPN resistor-equipped transistors;
PEMH30 NEXPERIA-PEMH30 Datasheet
195Kb / 11P
NPN/NPN double resistor-equipped transistors;
PQMH9 NEXPERIA-PQMH9 Datasheet
708Kb / 14P
NPN/NPN resistor-equipped transistors;
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com