Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCM3375 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RCM3375
Description  C-Programmable Core Module with NAND Flash Mass Storage and Ethernet
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RCM3375 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RCM3375 Datasheet HTML 17Page - List of Unclassifed Manufacturers RCM3375 Datasheet HTML 18Page - List of Unclassifed Manufacturers RCM3375 Datasheet HTML 19Page - List of Unclassifed Manufacturers RCM3375 Datasheet HTML 20Page - List of Unclassifed Manufacturers RCM3375 Datasheet HTML 21Page - List of Unclassifed Manufacturers RCM3375 Datasheet HTML 22Page - List of Unclassifed Manufacturers RCM3375 Datasheet HTML 23Page - List of Unclassifed Manufacturers RCM3375 Datasheet HTML 24Page - List of Unclassifed Manufacturers RCM3375 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 165 page
background image
User’s Manual
15
2.3.1 Running Dynamic C via Serial Programming Cable
Dynamic C uses the serial port on your PC that you specified during installation.
If you are using a USB port to connect your computer to the RCM3365/RCM3375 module,
choose Options > Project Options and select “Use USB to Serial Converter” on the
Communications
tab.
2.3.1.1 Run a Sample Program
Use the File menu to open the sample program PONG.C, which is in the Dynamic C
SAMPLES
folder. Press function key F9 to compile and run the program. The STDIO
window will open on your PC and will display a small square bouncing around in a box.
This program shows that the CPU is working. The sample program described in
Section 6.5, “Run the PINGME.C Sample Program,” tests the TCP/IP portion of the board.
2.3.1.2 Troubleshooting
If Dynamic C cannot find the target system (error message "No Rabbit Processor
Detected."
):
•
Check that the RCM3365/RCM3375 is powered correctly — the red CORE LED on the
Prototyping Board should be lit when the RCM3365/RCM3375 is mounted on the Prototyping
Board and the AC adapter is plugged in
.
•
Check both ends of the programming cable to ensure that they are firmly plugged into
the PC and the PROG connector, not the DIAG connector, is plugged in to the program-
ming port on the RCM3365/RCM3375 with the marked (colored) edge of the program-
ming cable towards pin 1 of the programming header.
•
Ensure that the RCM3365/RCM3375 module is firmly and correctly installed in its
connectors on the Prototyping Board.
•
Dynamic C uses the COM port specified during installation. Select a different COM
port within Dynamic C. From the Options menu, select Project Options, then select
Communications
. Select another COM port from the list, then click OK. Press
<Ctrl-Y>
to force Dynamic C to recompile the BIOS. If Dynamic C still reports it is
unable to locate the target system, repeat the above steps until you locate the COM port
used by the programming cable.
If Dynamic C appears to compile the BIOS successfully, but you then receive a communi-
cation error message when you compile and load the sample program, it is possible that
your PC cannot handle the higher program-loading baud rate. Try changing the maximum
download rate to a slower baud rate as follows.
•
Locate the Serial Options dialog in the Dynamic C Options > Project Options >
Communications menu. Select a slower Max download baud rate.
If a program compiles and loads, but then loses target communication before you can
begin debugging, it is possible that your PC cannot handle the default debugging baud
rate. Try lowering the debugging baud rate as follows.
•
Locate the Serial Options dialog in the Dynamic C Options > Project Options >
Communications menu. Choose a lower debug baud rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com