Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS623N Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN74LS623N
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS623N Datasheet(HTML) 1 Page - Motorola, Inc

  SN74LS623N Datasheet HTML 1Page - Motorola, Inc SN74LS623N Datasheet HTML 2Page - Motorola, Inc SN74LS623N Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GAB
A1
A2
B2
B1
TO OTHER SIX
TRANSCEIVERS
GBA
BLOCK DIAGRAM
1/4 LS623
5-1
FAST AND LS TTL DATA
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUT
The SN54 / 74LS623 series is an octal bus transceiver designed for
asynchronous two-way communication between data buses. Control function
implementation allows maximum timing flexibility. Enable inputs may be used
to disable the device so that buses are effectively isolated. Depending on the
Logic Levels at the enable inputs, Data transmission is allowed from the A bus
to the B bus or from the B bus to the A bus. The dual-enable configuration
gives the LS623 the capability to store data by simultaneous enabling of GBA
and GAB. Each output reinforces its input in this transceiver configuration.
Thus, when both control inputs are enabled all other data sources to the two
sets of bus lines (16 in all) will remain at their last states.
CONNECTION DIAGRAM (TOP VIEW)
18
17
16
15
14
13
1
2
3
4
5
6
7
20
19
8
VCC
ENABLE
GAB
ENABLE
GBA B1
B2
B3
B5
B4
B6
A1
A2
A3
A4
A5
A6
A7
9
10
A8
GND
12
11
B7
B8
FUNCTION TABLE
ENABLE INPUTS
OPERATION
GBA
GAB
LS623
L
L
B data to A bus
H
H
A data to B bus
H
L
Isolation
L
H
B data to A bus,
A data to B bus
H = HIGH Level, L = LOW Level, X = Irrelevant
SN54/74LS623
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUT
LOW POWER SCHOTTKY
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXDW SOIC
20
1
J SUFFIX
CERAMIC
CASE 732-03
20
1
N SUFFIX
PLASTIC
CASE 738-03
20
1
DW SUFFIX
SOIC
CASE 751D-03


Similar Part No. - SN74LS623N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS623N TI-SN74LS623N Datasheet
284Kb / 8P
OCTAL BUS TRANSCEIVERS
SN74LS623N TI2-SN74LS623N Datasheet
612Kb / 12P
OCTAL BUS TRANSCEIVERS
REVISED MARCH 1988
SN74LS623N.A TI2-SN74LS623N.A Datasheet
612Kb / 12P
OCTAL BUS TRANSCEIVERS
REVISED MARCH 1988
SN74LS623N3 TI1-SN74LS623N3 Datasheet
511Kb / 10P
OCTAL BUS TRANSCEIVERS
SN74LS623NE4 TI1-SN74LS623NE4 Datasheet
511Kb / 10P
OCTAL BUS TRANSCEIVERS
More results

Similar Description - SN74LS623N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Apr-2001
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Aug-1999
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
Octal 3-STATE Bus Transceiver
logo
Maxwell Technologies
54LVTH245A MAXWELL-54LVTH245A Datasheet
188Kb / 9P
3.3V ABT Octal Bus Transceiver with 3-State Output
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
OCTAL 3-STATE BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
Octal Bus Transceiver (3-state)
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
Octal bus transceiver; 3-state
Rev. 05-25 August 2009
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com