Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM4830 Datasheet(PDF) 2 Page - C&D Technologies

Part # RM4830
Description  30 AMP MODULAR SWITCHED MODE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

RM4830 Datasheet(HTML) 2 Page - C&D Technologies

  RM4830 Datasheet HTML 1Page - C&D Technologies RM4830 Datasheet HTML 2Page - C&D Technologies RM4830 Datasheet HTML 3Page - C&D Technologies RM4830 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RM4830 6/98 REV A
Page 2
MEASUREMENTS OF RM4830
Module
Weight
14 lbs.
Height
5 U (8.75”)
Depth
15.55”
Width
3.35”
Shelf*
Weight
21 lbs.
Height
5 U (8.75”)
Depth
15.55”
Width
23” rack mount
Input Specifications
Parameter
Conditions
Min
Typ
Max
Units
Operating Range
45 - 65 Hz, single phase, no taps required
106
264
VAC
Current (when supplying 30ADC at 48VDC)
105 VAC
20
AAC
208 VAC
10
AAC
240 VAC
8.5
AAC
Efficiency
> 85
%
Power Factor Correction (PFC)
input range between 105VAC-264VAC
>.99
Hot Swappable Modules
These shelf-mounted modules are easy and safe to install
or remove while system is operational without affecting
the overall system’s performance.
Parallel Operation and Automatic Load Sharing
A series of RM4830 rectifiers will automatically share equal
amounts of the load current when operating in parallel
within ±5% of the average current for the load applied.
N+1 Operation
The rectifier can operate in true N + 1 redundacy mode.
Remote Equalize
The rectifier output may be changed from float to equalize
via remote signal.
Current Limit
When rectifier current reaches 30ADC - 32ADC, the unit
will automatically limit the current down to short circuit con-
ditions with no fold back.
LED Indicators
The front panel includes a 10 segment yellow LED output
current bar graph, a green normal operation LED, and a
red rectifier failed LED.
Safety
UL/CUL Recognized: UL 1950/CSA 950.
File No.: E131694
EMI filtering to FCC and VDE-0875 limits.
GENERAL FEATURES
* These measurements are specifically for the 180A Power Shelf for up to 6 quantity RM 4830.
Please contact factory for other shelf and power plant options.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com