Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2-2
Description  222 (exploded isometric)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2-2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5°
http://www.serpac.com/Products/Accessories/CircuitBoard/drawings/CB_12X.pdf
2) Top Circuit Board drawings can be download at:
Notes:
(Enclosure weight 0.18 lb / 85 gm)
1) Enclosure meets or exceeds IP40 and NEMA 1
3) All components are RoHS Compliant.
SECTION A-A
SCALE 1 : 1.5
.31
4 plc's
.10
typ.
2 plc's
.32
2 plc's
.26
8 plc's
2.81
1.28
.25
.09
typ. for
#4 screw
1.63
2.60
4.10
1.63
A
A
.70
2.00
.02
Battery
compartment
cover
.44
.25
Insert Area
1.85
1.25
X .02 deep
.04
Insert Area
2 plc's
.50
1.63
TOP
BOTTOM
ALL DIMENSIONS ARE ± .010"
222
Ph. (626) 331-0517 Fx. (626) 331-8584 www.serpac.com
619 Commercial Ave. Covina, CA 91723
(2 of 2)
4/12/10
(user print)
PART
NO.
DESCRIPTION (Included)
ACCSESSORIES (Optional)
2-2
TOP
PART
NO.
DESCRIPTION
22
BOTTOM
319
Prototype grid board (Bottom)
1095
Battery Cover
419
Prototype clad board (Bottom)
6005
#4X3/8” self tapping (2)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com