Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS569 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS569
Description  FOUR-BIT UP/DOWN COUNTER WITH THREE-STATE OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS569 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS569 Datasheet HTML 1Page - Motorola, Inc 74LS569 Datasheet HTML 2Page - Motorola, Inc 74LS569 Datasheet HTML 3Page - Motorola, Inc 74LS569 Datasheet HTML 4Page - Motorola, Inc 74LS569 Datasheet HTML 5Page - Motorola, Inc 74LS569 Datasheet HTML 6Page - Motorola, Inc 74LS569 Datasheet HTML 7Page - Motorola, Inc 74LS569 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5-573
FAST AND LS TTL DATA
FOUR-BIT UP/DOWN COUNTER
WITH THREE-STATE OUTPUTS
The SN54 / 74LS569A is designed as programmable up/down BCD and
Binary counters respectively. These devices have 3-state outputs for use in
bus organized systems. With the exception of output enable (OE) and
asynchronous clear (ACLR), all functions occur on the positive edge of the
clock pulse (CP).
When the LOAD input is LOW, the outputs will be programmed by the
parallel data inputs (A, B, C, D) on the next clock edge. Enabling of the
counters occurs only when CEP and CET are LOW and LOAD is HIGH.
Direction of the count is controlled by the up-down input (U/D), HIGH counts
up and LOW counts down. High-speed counting and cascading is implement-
ed by internal look-ahead carry logic and an active LOW ripple carry output
(RCO). On the LS569A, the RCO is LOW at binary 15 during up-count and
during down-count it is also LOW at binary 0. During normal cascading
operation RCO connected to the succeeding block at CET is the only
requisite. When counting and when RCO is LOW, the clocked carry output
(CCO) provides a HIGH-LOW-HIGH pulse for a duration equal to the LOW
time of the clock pulse. Two active LOW reset lines are provided, a master
reset asynchronous clear (ACLR) and a synchronous clear (SCLR). When in
a HIGH state, the output control (OE) input forces the counter output into a
HIGH impedance state and when LOW, the counter outputs are enabled.
• ESD > 3500 Volts
CONNECTION DIAGRAM (TOP VIEW)
18
17
16
15
14
13
1
2
3
4
5
6
7
20
19
8
VCC
U/D
RCO CCO OE YA
YC
YB
YD
CP
A
B
C
D CEP ACLR
9
10
SCLR GND
12
11
CET LOAD
VCC = PIN 20
GND = PIN 10
Note: Pin 1 is marked
for orientation.
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High Except RCO, CCO
54
74
– 1.0
– 2.6
mA
IOH
Output Current — High RCO, CCO
54, 74
– 0.44
mA
IOL
Output Current — Low Except RCO, CCO
54
74
12
24
mA
IOL
Output Current — Low, RCO, CCO
54
74
4.0
8.0
mA
SN54/74LS569A
FOUR-BIT UP / DOWN COUNTER
WITH THREE-STATE OUTPUTS
LOW POWER SCHOTTKY
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXDW SOIC
20
1
J SUFFIX
CERAMIC
CASE 732-03
20
1
N SUFFIX
PLASTIC
CASE 738-03
20
1
DW SUFFIX
SOIC
CASE 751D-03


Similar Part No. - 74LS569

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LS56P TI-74LS56P Datasheet
300Kb / 5P
FREQUENCY DIVIDERS
More results

Similar Description - 74LS569

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F569 FAIRCHILD-74F569 Datasheet
83Kb / 9P
4-Bit Bidirectional Counter with 3-STATE Outputs
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
LSI Computer Systems
LS7060 LSI-LS7060 Datasheet
64Kb / 7P
32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
LS7061 LSI-LS7061 Datasheet
68Kb / 7P
32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74LS469 FAIRCHILD-DM74LS469 Datasheet
143Kb / 8P
8-Bit Up/Down Counter
logo
Advanced Micro Devices
AM74S350 AMD-AM74S350 Datasheet
106Kb / 2P
Four-Bit Shifter With Three-State Outputs
SN74S350 AMD-SN74S350 Datasheet
116Kb / 2P
Four-Bit Shifter With Three-State Outputs
AM25LS374A AMD-AM25LS374A Datasheet
313Kb / 5P
8-Bit Registers with Three-State Outputs
logo
LSI Computer Systems
LS7060C LSI-LS7060C Datasheet
88Kb / 7P
32 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
LS7060 LSI-LS7060_03 Datasheet
83Kb / 6P
32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com