Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WP05R Datasheet(PDF) 4 Page - C&D Technologies

Part # WP05R
Description  5 WATT UNREGULATED SMALL PACKAGE DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WP05R Datasheet(HTML) 4 Page - C&D Technologies

  WP05R Datasheet HTML 1Page - C&D Technologies WP05R Datasheet HTML 2Page - C&D Technologies WP05R Datasheet HTML 3Page - C&D Technologies WP05R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WP05R 5/98 REV B
Page 4
TYPICAL PERFORMANCE CURVES
T
A = +25°C, nominal input voltage, rated load, recommended external components applied, unless otherwise specified.
REFLECTED RIPPLE CURRENT
vs INPUT VOLTAGE
REFLECTED RIPPLE CURRENT
vs OUTPUT LOAD
REFLECTED RIPPLE CURRENT
vs TEMPERATURE
OUTPUT NOISE vs INPUT VOLTAGE
OUTPUT NOISE vs OUTPUT LOAD
OUTPUT NOISE vs TEMPERATURE
EFFICIENCY vs INPUT VOLTAGE
EFFICIENCY vs OUTPUT LOAD
EFFICIENCY vs TEMPERATURE
Low
Line
Nom
Line
High
Line
Low
Line
Nom
Line
High
Line
Low
Line
Nom
Line
High
Line
Vin
Vin
Vin
Output Load (% of Rated)
Output Load (% of Rated)
Output Load (% of Rated)
T
A (°C)
T
A (°C)
T
A (°C)
-40
-5
+25
+55
+85
-40
-5
+25
+55
+85
+2%
TYP
-2%
-4%
-6%
+10%
+5%
TYP
-5%
-10%
+20%
+10%
TYP
-10%
-20%
+1`50%
+100%
+50%
TYP
-50%
+300%
+200%
+100%
TYP
-100%
+30%
TYP
-30%
-60%
-90%
+30%
TYP
-30%
-60%
-90%
+150%
+100%
+50%
TYP
-50%
-40
-5
+25
+55
+85
25%
44%
63%
82%
100%
25%
44%
63%
82%
100%
25%
44%
63%
82%
100%
+9%
+6%
+3%
TYP
-3%
The information provided herein is believed to be reliable; however, C&D TECHNOLOGIES assumes no responsibility for inaccuracies or omissions. C&D TECHNOLOGIES assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice.
No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D TECHNOLOGIES does not authorize or warrant any C&D TECHNOLOGIES
product for use in life support devices/systems or in aircraft control applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com