Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WP06R Datasheet(PDF) 2 Page - C&D Technologies

Part # WP06R
Description  5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WP06R Datasheet(HTML) 2 Page - C&D Technologies

  WP06R Datasheet HTML 1Page - C&D Technologies WP06R Datasheet HTML 2Page - C&D Technologies WP06R Datasheet HTML 3Page - C&D Technologies WP06R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WP06R REV B 8/98
Page 2
ORDERING INFORMATION
SPECIFICATIONS,ALLMODELS
Specifications are at T
A = +25°C nominal input voltage, rated output current unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
9
12
18
VDC
18
24
36
VDC
34
48
75
VDC
Reflected Ripple Current
20
mAp-p
OUTPUT
Rated Power
12V Input Models
5.0
W
5V Output Models
5.0
W
All Other Models
6.0
W
Voltage Setpoint Accuracy
±1.5
%
Temperature Coefficient
±0.02
%/°C
Line Regulation - Singles
Low Line to High Line
±0.25
%
Line Regulation - Duals
±1.0
%
Load Regulation - Singles
Min. Load to Rated Load
±0.5
%
Load Regulation - Duals
±2.0
%
Ripple & Noise
BW = 5Hz to 20MHz
30
50
mVp-p
GENERAL
ISOLATION
Rated Voltage
1500
VDC
Test Voltage
60 Hz, 10 Seconds
1500
VPK
Resistance
10
G
Ω
Capacitance
200
pF
Leakage Current
V
ISO = 240VAC, 60Hz
15
µArms
Switching Frequency
200
KHz
MTTF per MIL-HDBK-217, Rev. F
Circuit Stress Method
Ground Benign
T
A = +25°C
1200
KHr
Package Weight
15
g
TEMPERATURE
Specification (Ambient)
-40
+71
°C
Operation (Case)
Derate linearly from 71°C
-40
+100
°C
Storage
-55
+125
°C
Logic Compatibility ............................... CMOS or Open Collector TTL
EC On ............................................................ Open Circuit or > 3VDC
EC Off .................................................................................... < 1VDC
Shutdown Idle Current ............................................................... 1mA
Control Common ......................................................................... -Vin
REMOTE ON/OFF CONTROL
Output Short-Circuit Protection
(At T
A+25°C, nominal input voltage) ................................. Continuous
Internal Power Dissipation ......................................................... 1.5W
Lead Temperature (Soldering, 10s Max) ............................... +300°C
Max Case Temperature .......................................................... +100°C
ABSOLUTE MAXIMUM RATINGS
WP06R XXYZZ
P/N
R
Device Family
5-6W regulated DC/DC
Model Number
xx = Input Voltage
y = Number of Outputs (S=single; D=dual)
zz = Output Voltage
Ground Connection (Specify N=Neg. or P=Pos.)
Remote On/Off (Optional)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com