Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPA60 Datasheet(PDF) 4 Page - C&D Technologies

Part # WPA60
Description  60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WPA60 Datasheet(HTML) 4 Page - C&D Technologies

  WPA60 Datasheet HTML 1Page - C&D Technologies WPA60 Datasheet HTML 2Page - C&D Technologies WPA60 Datasheet HTML 3Page - C&D Technologies WPA60 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
WPA60 REV A 5/2003
Product: www.cdpoweronline.com
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to
be accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or
completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby
disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising
from any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user’s intended purpose
and in user’s specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace
applications.
Power Electronics Division, Americas
3400 E Britannia Drive, Tucson, Arizona 85706
Tel: 800.547.2537 Fax: 520.295.4197
C&D Technologies, EMEA/Asia/Pacific
Milton Keynes MK14 5BU UK
Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545
To Find Model Number
Model Numbers
Part Numbers
WPA60R48D1510
6064965
WPA60R48D1812
6064957
WPA60R48D2215
6064956
WPA60R48D2518
6064955
WPA60R48D3312
6064953
WPA60R48D3318
6064952
WPA60R48D3325
6064951
WPA60R48D0515
6064966
WPA60R48D0533
6064954
WPA60R48D1510-1
6064993
WPA60R48D1812-1
6064992
WPA60R48D2215-1
6064991
WPA60R48D2518-1
6064990
WPA60R48D3312-1
6064989
WPA60R48D3318-1
6064988
WPA60R48D3325-1
6064987
WPA60R48D0515-1
6064994
WPA60R48D0533-1
6064986
ORDERING INFORMATION
WPA60R48D
yz
-
Device Family
60 Watt, Dual Output,
Quarter Brick, 48VDC Input Range
Model Number
Selected from Product Selection Chart (above)
y = 15 = 1.5V, 18 = 1.8V, 22 = 2.2V, 25 = 2.5V,
33 = 3.3V, 05 - 5.0V,
z = 10 = 1.0V, 12 = 1.2V, 15 = 1.5V, 18 - 1.8V
25 = 2.5V, 33 = 3.3V
Remote On/Off Logic
Positive Logic - No Number
Negative Logic - 1
MECHANICAL
#
Function
1
+Vin
2
On/Off
3
-Vin
4
+Vout1
5
RTN (-Vout1 and -Vout2)
6
Trim
7
+Vout2
PIN CONNECTIONS
NOTES:
All dimensions are in inches
(millimeters).
All through hole pins are Ø
0.040"[1.02] with Ø 0.078" [1.98]
shoulder
Pin placement tolerance: +.010
Pin material: Brass
Pin Finish: Tin/Lead over Nickel
Converter weight: [30g]
Max height 12.5mm
BOTTOM VIEW
(PIN SIDE UP)
SIDE VIEW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com