Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPC03R Datasheet(PDF) 4 Page - C&D Technologies

Part # WPC03R
Description  3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WPC03R Datasheet(HTML) 4 Page - C&D Technologies

  WPC03R Datasheet HTML 1Page - C&D Technologies WPC03R Datasheet HTML 2Page - C&D Technologies WPC03R Datasheet HTML 3Page - C&D Technologies WPC03R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WPC03R 2/99 REV A
Page 4
The information provided herein is believed to be reliable; however, C&D TECHNOLOGIES assumes no responsibility for inaccuracies or omissions. C&D TECHNOLOGIES assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice.
No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D TECHNOLOGIES does not authorize or warrant any C&D TECHNOLOGIES
product for use in life support devices/systems or in aircraft control applications.
TECHNICAL INFORMATION
Notes:
1.
All dimensions in inches and (millimeters).
2.
Units are encapsulated with a low thermal resistance molding compound which has excellent chemical resis-
tance, wide operating temperature range and good electrical properties under high humidity environments. The
encapsulant and outer shell have UL94V-0 ratings. Lead material is brass with a solder plated surface to allow
ease of solderability.
3.
GRID: 0.100 inches, (2.54 mm).
4.
Pin Placement Tolerance: +0.015", (+.381 mm).
MECHANICAL SPECIFICATIONS
Pin
Pin Function
Number
Singles
Duals
2
-Vin
-Vin
3
-Vin
-Vin
9
No connection
Common
11
No connection
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
PINOUT “E”
Pin
Pin Function
Number
Singles
Duals
1
+Vin
+Vin
2
No connection
-Vout
3
No connection
Common
10
-Vout
Common
11
+Vout
+Vout
12
-Vin
-Vin
13
-Vin
-Vin
14
+Vout
+Vout
15
-Vout
Common
22
No connection
Common
23
No connection
-Vout
24
+Vin
+Vin
PINOUT “L”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com