Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9656 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9656 Datasheet HTML 35Page - Analog Devices AD9656 Datasheet HTML 36Page - Analog Devices AD9656 Datasheet HTML 37Page - Analog Devices AD9656 Datasheet HTML 38Page - Analog Devices AD9656 Datasheet HTML 39Page - Analog Devices AD9656 Datasheet HTML 40Page - Analog Devices AD9656 Datasheet HTML 41Page - Analog Devices AD9656 Datasheet HTML 42Page - Analog Devices AD9656 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Data Sheet
AD9656
Addr
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Notes/
Comments
0x79
JESD204B
CHKSUM1
JESD204B serial checksum value in link configuration, see Table 12 for Lane 1 (FCHK)
Read only.
0x7A
JESD204B
CHKSUM2
JESD204B serial checksum value in link configuration, see Table 12 for Lane 2 (FCHK)
Read only.
0x7B
JESD204B
CHKSUM3
JESD204B serial checksum value in link configuration, see Table 12 for Lane 3 (FCHK)
Read only.
0x80
JTX physical
lane disable
Open
Open
Open
Open
Lane 3:
0 =
enabled,
1 =
disabled
Lane 2:
0 = enabled,
1 = disabled
Lane 1:
0 =
enabled,
1 =
disabled
Lane 0:
0 =
enabled,
1 =
disabled
0x00
Lane
serialize
and
output
driver
powered
down.
0x82
JESD204B Lane
Assign 1
Open
Physical Lane 1 assignment:
000 = Logical Lane 0,
001 = Logical Lane 1,
010 = Logical Lane 2,
011 = Logical Lane 3
Open
Physical Lane 0 assignment:
000 = Logical Lane 0,
001 = Logical Lane 1,
010 = Logical Lane 2,
011 = Logical Lane 3
0x10
0x83
JESD204B Lane
Assign 2
Open
Physical Lane 3 assignment:
000 = Logical Lane 0,
001 = Logical Lane 1,
010 = Logical Lane 2,
011 = Logical Lane 3
Open
Physical Lane 2 assignment:
000 = Logical Lane 0,
001 = Logical Lane 1,
010 = Logical Lane 2,
011 = Logical Lane 3
0x32
0x86
JESD204B lane
inversion
Open
Open
Open
Open
Lane 3:
0 = no
invert,
1 = invert
Lane 2:
0 = no invert,
1 = invert
Lane 1:
0 = no
invert,
1 = invert
Lane 0:
0 = no
invert,
1 = invert
0x00
0x8B
JESD204B
LMFC offset
Open
Open
Open
Local multiframe clock (LMFC) phase offset value; reset value for LMFC phase
counter when DSYSREF± is asserted; used for deterministic delay applications
0x00
0xA0
JTX User
Pattern
Octet 0, LSB
User test pattern least significant byte, Octet 0
0x00
0xA1
JTX User
Pattern
Octet 0, MSB
User test pattern most significant byte, Octet 0
0x00
0xA2
JTX User
Pattern
Octet 1, LSB
User test pattern least significant byte, Octet 1
0x00
0xA3
JTX User
Pattern
Octet 1, MSB
User test pattern most significant byte, Octet 1
0x00
0xA4
JTX User
Pattern
Octet 2, LSB
User test pattern least significant byte, Octet 2
0x00
0xA5
JTX User
Pattern
Octet 2, MSB
User test pattern most significant byte, Octet 2
0x00
0xA6
JTX User
Pattern
Octet 3, LSB
User test pattern least significant byte, Octet 3
0x00
0xA7
JTX User
Pattern
Octet 3, MSB
User test pattern most significant byte, Octet 3
0x00
0xF5
JTX converter
mapping
JTX Converter 3:
0 = ADCA,
1 = ADCB,
2 = ADCC,
3 = ADCD
JTX Converter 2:
0 = ADCA,
1 = ADCB,
2 = ADCC,
3 = ADCD
JTX Converter 1:
0 = ADCA,
1 = ADCB,
2 = ADCC,
3 = ADCD
JTX Converter 0:
0 = ADCA,
1 = ADCB,
2 = ADCC,
3 = ADCD
0xE4
0x100
Resolution/
sample rate
override
Open
Override
enable
Resolution:
0 = 16 bits,
1 = 14 bits,
2 = 12 bits,
3 = 10 bits
Open
Sample rate:
001 = 40 MSPS,
010 = 50 MSPS,
011 = 65 MSPS,
100 = 80 MSPS,
101 = 105 MSPS,
110 = 125 MSPS
0x00
Sample
rate
override
(requires
transfer
register,
0xFF).
0x101
User I/O
Control 2
Open
Open
Open
Open
Open
Open
Open
SDIO
pull-down
0x00
Disables
SDIO
pull-down.
0x102
User I/O
Control 3
Open
Open
Open
Open
VCM
power-
down
Open
Open
Open
0x00
VCM
control.
Rev. 0 | Page 39 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com