Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5686 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5686
Description  Quad, 16-/12-Bit nanoDAC with I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5686 Datasheet HTML 16Page - Analog Devices AD5686 Datasheet HTML 17Page - Analog Devices AD5686 Datasheet HTML 18Page - Analog Devices AD5686 Datasheet HTML 19Page - Analog Devices AD5686 Datasheet HTML 20Page - Analog Devices AD5686 Datasheet HTML 21Page - Analog Devices AD5686 Datasheet HTML 22Page - Analog Devices AD5686 Datasheet HTML 23Page - Analog Devices AD5686 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD5696/AD5694
Rev. A | Page 21 of 24
Instantaneous DAC Updating (LDAC Held Low)
For instantaneous updating of the DACs, LDAC is held low while
data is clocked into the input register using Command 0001. Both
the addressed input register and the DAC register are updated on
the 24th clock, and the output begins to change (see Table 14).
Deferred DAC Updating (LDAC Pulsed Low)
For deferred updating of the DACs, LDAC is held high while data
is clocked into the input register using Command 0001. All DAC
outputs are asynchronously updated by pulling LDAC low after the
24th clock. The update occurs on the falling edge of LDAC.
LDAC MASK REGISTER
Command 0101 is reserved for the software LDAC function.
When this command is executed, the address bits are ignored.
When writing to the DAC using Command 0101, the 4-bit LDAC
mask register (DB3 to DB0) is loaded. Bit DB3 of the LDAC mask
register corresponds to DAC D; Bit DB2 corresponds to DAC C;
Bit DB1 corresponds to DAC B; and Bit DB0 corresponds to
DAC A.
The default value of these bits is 0; that is, the LDAC pin works
normally. Setting any of these bits to 1 forces the selected DAC
channel to ignore transitions on the LDAC pin, regardless of the
state of the hardware LDAC pin. This flexibility is useful in appli-
cations where the user wishes to select which channels respond
to the LDAC pin.
The LDAC mask register allows the user extra flexibility and
control over the hardware LDAC pin (see Table 13). Setting
the LDAC bit (DB3 to DB0) to 0 for a DAC channel allows the
hard-ware LDAC pin to control the updating of that channel.
Table 13. LDAC Overwrite Definition
Load LDAC Register
LDAC Bit
(DB3 to DB0)
LDAC Pin
LDAC Operation
0
1 or 0
Determined by the LDAC pin.
1
X1
DAC channels are updated. (DAC
channels see LDAC pin as 1.)
1
X = don’t care.
HARDWARE RESET PIN (RESET)
RESET is an active low reset that allows the outputs to be cleared
to either zero scale or midscale. The clear code value is user select-
able via the reset select pin (RSTSEL). It is necessary to
keep RESET low for a minimum of 30 ns to complete the
operation.
When the RESET signal is returned high, the output remains at
the cleared value until a new value is programmed. The outputs
cannot be updated with a new value while the RESET pin is low.
There is also a software executable reset function that resets the
DAC to the power-on reset code. Command 0110 is designated
for this software reset function (see Table 8). Any events
on LDAC or RESET during power-on reset are ignored.
RESET SELECT PIN (RSTSEL)
The AD5696/AD5694 contain a power-on reset circuit that
controls the output voltage during power-up. When the RSTSEL
pin is tied to GND, the outputs power up to zero scale (note
that this is outside the linear region of the DAC). When the
RSTSEL pin is tied to VDD, the outputs power up to midscale.
The outputs remain powered up at the level set by the RSTSEL
pin until a valid write sequence is made to the DAC.
Table 14. Write Commands and LDAC Pin Truth Table1
Command
Description
Hardware LDAC
Pin State
Input Register
Contents
DAC Register Contents
0001
Write to Input Register n (dependent on LDAC)
VLOGIC
Data update
No change (no update)
GND2
Data update
Data update
0010
Update DAC Register n with contents of Input
Register n
VLOGIC
No change
Updated with input register
contents
GND
No change
Updated with input register
contents
0011
Write to and update DAC Channel n
VLOGIC
Data update
Data update
GND
Data update
Data update
1
A high to low transition on the hardware LDAC pin always updates the contents of the DAC register with the contents of the input register on channels that are not
masked (blocked) by the LDAC mask register.
2
When the LDAC pin is permanently tied low, the LDAC mask bits are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com