Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5696R Datasheet(PDF) 13 Page - Analog Devices

Part # AD5696R
Description  Quad, 16-/12-Bit nanoDAC with I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5696R Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5696R Datasheet HTML 9Page - Analog Devices AD5696R Datasheet HTML 10Page - Analog Devices AD5696R Datasheet HTML 11Page - Analog Devices AD5696R Datasheet HTML 12Page - Analog Devices AD5696R Datasheet HTML 13Page - Analog Devices AD5696R Datasheet HTML 14Page - Analog Devices AD5696R Datasheet HTML 15Page - Analog Devices AD5696R Datasheet HTML 16Page - Analog Devices AD5696R Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD5696/AD5694
Rev. A | Page 13 of 24
Figure 29. 0.1 Hz to 10 Hz Output Noise Plot
Figure 30. Total Harmonic Distortion at 1 kHz
Figure 31. Settling Time vs. Capacitive Load
Figure 32. Multiplying Bandwidth
CH1 10µV
M1.0s
A CH1
802mV
1
T
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
20
0
20000
16000
8000
12000
4000
2000
18000
10000
14000
6000
FREQUENCY (Hz)
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
1.590
1.630
1.620
1.600
1.610
1.625
1.605
1.615
1.595
TIME (ms)
0nF
0.1nF
10nF
0.22nF
4.7nF
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
–60
–50
–40
–30
–20
–10
0
10k
10M
1M
100k
FREQUENCY (Hz)
VDD = 5V
TA = 25°C
REFERENCE = 2.5V, ±0.1V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com