Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22C10 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # 22C10
Description  256-Bit Nonvolatile CMOS Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

22C10 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  22C10 Datasheet HTML 1Page - Catalyst Semiconductor 22C10 Datasheet HTML 2Page - Catalyst Semiconductor 22C10 Datasheet HTML 3Page - Catalyst Semiconductor 22C10 Datasheet HTML 4Page - Catalyst Semiconductor 22C10 Datasheet HTML 5Page - Catalyst Semiconductor 22C10 Datasheet HTML 6Page - Catalyst Semiconductor 22C10 Datasheet HTML 7Page - Catalyst Semiconductor 22C10 Datasheet HTML 8Page - Catalyst Semiconductor 22C10 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CAT22C10
2
Doc. No. 25018-0A 2/98 N-1
MODE SELECTION(1)(2)(3)
Input
Mode
CS
CS
CS
CS
CS
WE
WE
WE
WE
WE
RECALL
RECALL
RECALL
RECALL
RECALL
STORE
STORE
STORE
STORE
STORE
I/O
Standby
H
X
H
H
Output High-Z
RAM Read
L
H
H
H
Output Data
RAM Write
L
L
H
H
Input Data
(E2PROM
→RAM)
X
H
L
H
Output High-Z RECALL
(E2PROM
→RAM)
H
X
L
H
Output High-Z RECALL
(RAM
→E2PROM)
X
H
H
L
Output High-Z STORE
(RAM
→E2PROM)
H
X
H
L
Output High-Z STORE
BLOCK DIAGRAM
POWER-UP TIMING(4)
Symbol
Parameter
Min.
Max.
Units
VCCSR
VCC Slew Rate
0.5
0.005
V/ms
Note:
(1)
RECALL signal has priority over STORE signal when both are applied at the same time.
(2)
STORE is inhibited when RECALL is active.
(3) The store operation is inhibited when VCC is below ≈ 3.0V.
(4) This parameter is tested initially and after a design or process change that affects the parameter.
ROW
SELECT
COLUMN SELECT
CONTROL
LOGIC
READ/WRITE
CIRCUITS
RECALL
E
2PROM ARRAY
STORE
A0
A1
A2
A3
A4
A5
STORE
RECALL
CS
WE
I/O0 I/O1 I/O2 I/O3
STATIC RAM
ARRAY
5153 FHD F02



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com