Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50007 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 50007
Description  Wiha Soft Grip Wrenches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

50007 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  50007 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.wihatools.com
Wiha Quality Tools
205
Set 15 Piece Inch Combination Wrenches Roll up pouch
Item No. 500 89 Includes:
1/4, 5/16, 3/8, 7/16, 1/2, 9/16, 5/8, 11/16, 3/4,
lbs. 7.03
13/16, 7/8, 15/16, 1, 1-1/16, 1-1/8
500 89
500
Soft Grip Wrenches Inch DIN 3113A/ISO 3318 - ISO 7738
Item
OAL OAL H1
H2
D1
D2
No.
Inch
mm Inch mm
mm mm
mm
lbs. pkg.
500 43
1/4
100 3.9
5.0
3.9
10.1 15.7 .03
1
500 44
5/16
120 4.7
5.9
4.4
12.9 19.0 .05
1
500 45
3/8
140 5.5
6.9
5.0
15.9 22.8 .09
1
500 46
7/16
150 5.9
7.4
5.2
17.3 25.4 .11
1
500 47
1/2
170 6.7
8.4
5.8
20.2 29.3 .14
1
500 48
9/16
180 7.1
8.9
6.1
21.6 31.2 .19
1
500 50
5/8
200 7.8
9.8
6.6
24.6 34.5 .23
1
500 51
11/16
210 8.2
10.3 6.9
25.9 37.3 .30
1
500 52
3/4
230 9.0
11.1 7.3
28.8 40.4 .34
1
500 54
13/16
250 9.8
11.7 7.7
31.7 44.2 .45
1
500 55
7/8
260 10.2 12.0 7.9
33.0 46.6 .51
1
500 56
15/16
280 11.0 12.7 8.3
35.8 50.1 .63
1
500 57
1
290 11.4 13.0 8.5
37.3 52.8 .65
1
500 58
1-1/16 310 12.2 13.6 8.9
40.2 55.9 .83
1
500 59
1-1/8
330 13.0 14.2 9.3
42.8 59.8 .98
1
• Made from 31CRV3 high performance
tool steel
• Soft grip body
• Precision formed for exact fit
• Made from 31CRV3 high performance
tool steel
• Precision formed for exact fit
• Soft grip body
Wiha Soft Grip Wrenches
500
Soft Grip Wrenches Metric DIN 3113A/ISO 3318 - ISO 7738
Item
OAL OAL H1
H2
D1
D2
No.
mm
mm
Inch mm
mm mm
mm
lbs. pkg.
500 04
8.0
120
4.7
5.9
4.4
12.9 19.0
.05
1
500 05
9.0
130
5.1
6.4
4.7
14.5 20.9
.07
1
500 06
10.0
140
5.5
6.9
5.0
15.9 22.8
.09
1
500 07
11.0
150
5.9
7.4
5.2
17.3 25.4
.11
1
500 08
12.0
160
6.3
7.9
5.5
18.7 26.7
.13
1
500 09
13.0
170
6.7
8.4
5.8
20.2 29.3
.14
1
500 11
14.0
180
7.1
8.9
6.1
21.6 31.2
.19
1
500 12
15.0
190
7.5
9.3
6.3
23.1 33.0
.21
1
500 13
16.0
200
7.8
9.8
6.6
24.6 34.5
.23
1
500 14
17.0
210
8.2
10.3 6.9
25.4 37.3
.30
1
500 15
18.0
220
8.6
10.8 7.1
27.4 38.4
.32
1
500 16
19.0
230
9.0
11.1 7.3
28.8 40.4
.34
1
500 17
20.0
240
9.4
11.4 7.5
30.2 42.3
.39
1
500 19
22.0
260
10.2 12.0 7.9
33.0 46.6
.51
1
500 27
24.0
280
11.0 12.7 8.3
35.8 50.1
.62
1
Set 15 Piece Metric Combination Wrenches Roll up pouch
Item No. 500 87 Includes:
8, 9, 10, 11, 12, 13, 14, 15, 16, 17,
lbs. 5.16
18, 19, 20, 22, 24mm
500 87
Set 10 Piece Metric Combination Wrenches Roll up pouch
Item No. 500 94 Includes: 10, 11, 12, 13, 14, 15, 16, 17, 18, 19mm
lbs. 3.13
500 94
Set 12 Piece Metric Combination Wrenches Roll up pouch
Item No. 500 88 Includes: 8, 9, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19mm
lbs. 3.26
500 88
Set 10 Piece Inch Combination Wrenches Roll up pouch
Item No. 500 95: 7/16, 1/2, 9/16, 5/8, 11/16, 3/4, 13/16, 7/8, 15/16, 1”
lbs. 4.70
500 95
Set 12 Piece Inch Combination Wrenches Roll up pouch
Item No. 500 91 Includes:
5/16, 3/8, 7/16, 1/2, 9/16, 5/8, 11/16, 3/4,
lbs. 4.78
13/16, 7/8, 15/16, 1”
500 91
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 50007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
500075-0517 MOLEX-500075-0517 Datasheet
96Kb / 1P
MINI-B STRAIGHT TYPE 2 REC. ASSY -LEAD FREE-
2004.03.30
logo
MolexKits
500075-1517 MOLEXKITS-500075-1517 Datasheet
80Kb / 6P
Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
500075-1517 MOLEXKITS-500075-1517 Datasheet
80Kb / 6P
Deluxe Audio Video Data Application Kit
logo
Molex Electronics Ltd.
500075-1517 MOLEX-500075-1517 Datasheet
98Kb / 1P
USB SERIES MINI-B STRAIGHT TYPE 2 REC ASSY -LEAD FREE-
04.08.30
5000750517 MOLEX1-5000750517 Datasheet
34Kb / 2P
Mini USB, B-Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs with Dimples
More results

Similar Description - 50007

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
600-004 GLENAIR-600-004 Datasheet
210Kb / 1P
Torque Wrenches
logo
List of Unclassifed Man...
442-987 ETC2-442-987 Datasheet
24Kb / 1P
Tap Wrenches - Chuck Type
21214 ETC-21214 Datasheet
253Kb / 1P
Wiha Insulated Ratchet Wrenches
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
36590 ETC2-36590 Datasheet
280Kb / 1P
Wiha TORX Tools Wiha TORX Plus Tools
71322 ETC2-71322 Datasheet
170Kb / 1P
Wiha Sockets
26076 ETC2-26076 Datasheet
313Kb / 1P
Wiha Soft Grip PicoFinish Precision Screwdrivers
32695 ETC2-32695 Datasheet
217Kb / 1P
Wiha Vinyl Grip Pliers & Cutters
logo
TE Connectivity Ltd
408-8640 TEC-408-8640 Datasheet
259Kb / 2P
Mini Torque Wrenches
408-8676 TEC-408-8676 Datasheet
187Kb / 2P
Production Torque Wrenches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com