Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7233 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7233
Description  1W AUDIO AMPLIFIER WITH MUTE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7233 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7233 Datasheet HTML 1Page - STMicroelectronics TDA7233 Datasheet HTML 2Page - STMicroelectronics TDA7233 Datasheet HTML 3Page - STMicroelectronics TDA7233 Datasheet HTML 4Page - STMicroelectronics TDA7233 Datasheet HTML 5Page - STMicroelectronics TDA7233 Datasheet HTML 6Page - STMicroelectronics TDA7233 Datasheet HTML 7Page - STMicroelectronics TDA7233 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TDA7233
2/8
Table 2. Absolute Maximum Ratings
Figure 3. PIN CONNECTIONS (top view)
Table 3. Thermal Data
Table 4. Electrical Characteristcs (Vs = 6 V, Tamb = 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VS
Supply Voltage
16
V
Ptot
Total Power Dissipation at Tamb = 50 °C
1
W
IO
Output Peak Current
1
A
Tstg, Tj
Storage and Junction Temperature
-40 to 150
°C
Symbol
Parameter
SO8
MInidip
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max.
200
100
°C/W
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
1.8
15
V
VO
Quiescent Output Voltage
Vs = 3 V
Vs = 9 V
2.7
1.2
4.2
V
Id
Quiescent Drain Current
MUTE HIGH
3.6
9
mA
MUTE LOW
0.4
mA
Ib
Input Bias Current
100
nA
PO
Output Power
d = 10%; f = 1kHz
Vs = 12V; RL = 8
Ω
Vs = 9V; RL = 4
Ω
Vs = 9V; RL = 8
Ω
Vs = 6V; RL = 8
Ω
Vs = 6V; RL = 4
Ω
Vs = 3V; RL = 4
Ω
Vs = 3V; RL = 8
Ω
1.9
1.6
1
0.4
0.7
110
70
W
W
W
W
W
mW
mW
d
Distortion
Po = 0.5W; f = 1KHz; RL = 8
Ω
Vs = 9V
0.3
%
Gv
Closed Loop Voltage Gain
f = 1KHz;
39
dB
Rin
Input Resistance
f = 1KHz;
100
K
Ω
eN
Total Input Noise
Rs = 10K
Ω; B = Curve A
Rs = 10K
Ω; B = 22Hz to 22KHz
2
3
µV
µV
SVR
Supply Voltage Rejection
f = 100Hz; Rg = 10K
Ω
45
dB
MUTE Attenuation
Vo = 1V; f = 100Hz to 10KHz;
70
dB
MUTE Threshold
0.6
V
IM
MUTE Current
Vs = 15V
0.4
mA
Minidip
SO8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com