Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASE02008MR-LW150-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ASE02008MR-LW150-R
Description  ASE02008MR-LW150-R
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASE02008MR-LW150-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ASE02008MR-LW150-R Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Speaker
ASE02008MR-LW150-R
J.D.
M.L.
B.R.
1/6/2014
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
1/6/2014
Date
1/6/2014
Date
1/6/2014
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE 0.5 AND
ANGLES ARE 3 .
ASE02008MR-LW150-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
1/23/2014
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED INPUT POWER
0.5
W
MAX INPUT POWER
0.7
W
IMPEDANCE
8
15%
OHM
OUTPUT SPL @ 0.5W/0.5M
(AT 1.4, 1.6, 2.0, 2.5 kHz)
79
3
dBA
DISTORTION (MAX.)
5%
-
RESONANT FREQUENCY
1400
20%
Hz
FREQUENCY RANGE
800 ~ 20,000
Hz
HOUSING MATERIAL
ABS
-
CONE MATERIAL
MYLAR
-
MAGNET MATERIAL
RARE EARTH
-
OPERATING TEMPERATURE
-25 ~ +60
C
WEIGHT
26
grams
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2011/65/EU COMPLIANT.
2003, Projects Unlimited Inc.
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
150
5
20
0.2
1.5
20
0.2
3
0.2
5
0.3
1.5


Similar Part No. - ASE02008MR-LW150-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
ASE02008MR-LW150-R PUI-ASE02008MR-LW150-R Datasheet
267Kb / 1P
RELEASED FROM ENGINEERING
logo
PUI audio inc.
ASE02008MR-LW150-R PUIAUDIO-ASE02008MR-LW150-R Datasheet
615Kb / 3P
20mm square speaker with 150mm lead wires for instant integration
More results

Similar Description - ASE02008MR-LW150-R

ManufacturerPart #DatasheetDescription
logo
Powerbox
MULTIPLUS POWERBOX-MULTIPLUS Datasheet
115Kb / 2P
I N V E R T E R C H A R G E R
logo
KODENSHI_AUK CORP.
SFN5A300DN KODENSHI-SFN5A300DN Datasheet
534Kb / 5P
Ultrafast R ecovery Power R ectifier
SFN5A600 KODENSHI-SFN5A600 Datasheet
705Kb / 7P
Ultrafast R ecovery Power R ectifier
SFN20A600 KODENSHI-SFN20A600 Datasheet
720Kb / 7P
Ultrafast R ecovery Power R ectifier
logo
Molex Electronics Ltd.
2166201033 MOLEX-2166201033 Datasheet
328Kb / 1P
SQUBA3.6 R-R 3CKT 600MM Sn
2020/07/08
2153101022 MOLEX-2153101022 Datasheet
299Kb / 1P
MizuP25 R-R 2ckt 300mm Sn
2020/07/20
2166201042 MOLEX-2166201042 Datasheet
332Kb / 1P
SQUBA3.6 R-R 4CKT 300MM Sn
2020/07/08
2153101031 MOLEX-2153101031 Datasheet
309Kb / 1P
MizuP25 R-R 3ckt 150mm Sn
2020/07/20
2153101041 MOLEX-2153101041 Datasheet
313Kb / 1P
MizuP25 R-R 4ckt 150mm Sn
2020/07/20
2166201021 MOLEX-2166201021 Datasheet
323Kb / 1P
SQUBA3.6 R-R 2CKT 150MM Sn
2020/07/08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com