Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP330EEY-L/TR Datasheet(PDF) 5 Page - Exar Corporation

Part # SP330EEY-L/TR
Description  RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP330EEY-L/TR Datasheet(HTML) 5 Page - Exar Corporation

  SP330EEY-L/TR Datasheet HTML 1Page - Exar Corporation SP330EEY-L/TR Datasheet HTML 2Page - Exar Corporation SP330EEY-L/TR Datasheet HTML 3Page - Exar Corporation SP330EEY-L/TR Datasheet HTML 4Page - Exar Corporation SP330EEY-L/TR Datasheet HTML 5Page - Exar Corporation SP330EEY-L/TR Datasheet HTML 6Page - Exar Corporation SP330EEY-L/TR Datasheet HTML 7Page - Exar Corporation SP330EEY-L/TR Datasheet HTML 8Page - Exar Corporation SP330EEY-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SP330E
5
REV. 1.0.0
RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
ELECTRICAL CHARACTERISTICS (Continued)
UNLESS OTHERWISE NOTED: 
VCC = +3.0V to +5.5V, C1-C4 = 0.1µF; TA = TMIN to TMAX. Typical values are at VCC = 3.3V, TA = +25°C.
SYMBOL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RS-485/422 DIFFERENTIAL RECEIVER INPUTS (A,B)
RIN
Receiver Input Resistance
96
k
-7V
V
CM +12V
IIN
Receiver Input Current
125
µA
VIN = +12V
-100
µA
VIN = -7V
VTH
Receiver Differential
Threshold Voltage
-200
-125
-50
mV
-7V
V
CM +12V
V
TH
Receiver Input Hysteresis
25
mV
RS-485/422 DIFFERENTIAL DRIVER OUTPUTS (Y, Z)
VOD
Differential Driver Output
1.5
VCC
V
RL = 54(RS-485), Figure 4
1.5
VCC
V
-7V
V
CM +12V, Figure 5
2
VCC
V
RL = 100(RS-422), Figure 4
V
OD
Change In Magnitude of
Differential Output Voltage
0.2
V
RL = 54or 100, Figure 4
VCM
Driver Common Mode Output Voltage
3
V
RL = 54or 100, Figure 4
V
CM
Change In Magnitude of
Common Mode Output Voltage
0.2
V
RL = 54or 100, Figure 4
IOSD
Driver Output Short Circuit Current
±250
mA
-7V
V
Y or VZ +12V, Figure 6
IO
Driver Output Leakage Current
±125
µA
DE = 0V or SHDN = 0V,
VY or VZ = -7V or +12V,
VCC = 0V or 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com