Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD104515FS Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # AD104515FS
Description  AD1048FS Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

AD104515FS Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  AD104515FS Datasheet HTML 1Page - MicroPower Direct, LLC AD104515FS Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Derating Curve
g
Model Selection Guide
Mechanical Dimensions
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Model
Number
Rated
Power
(W)
Input
Output
Over Voltage
Protection
(VDC)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(A)
Voltage (VAC)
Current (A)
Voltage
(VDC)
Current
(Max. A)
Current
Range
(A)
Universal Range
115 VAC 230 VAC
AD1048-12FS
36
100 - 240
1.0
0.5
12
4.0
0 ~ 4.0
20.0
80
2.0
AD1045-15FS
45
100 - 240
1.0
0.5
15
3.0
0 ~ 3.0
20.0
81
2.0
AD1048-24FS
48
100 - 240
1.0
0.5
24
2.0
0 ~ 2.0
40.0
83
2.0
AD1048-48FS
48
100 - 240
1.0
0.5
48
1.0
0 ~ 1.0
60.0
83
2.0
Notes:
1. Load regulation is specified for a load change of 20% to 100%.
2. Ripple & noise is measured using equipment with 20 Mhz of
bandwidth with the unit under test operating at rated load and
a 110 VAC input. Connection to the unit is made with a 0.1
µF
/ 630V metalized capacitor & a 47
µF electrolytic capacitor
connected in parallel.
3. Transient recovery is measured to within a 1% error band for
a load step change of 50% to 100%.
4. Isolation resistance is given for Input/Output and Input/FG. For
Output/FG, it is 50 M
5. Overload protection is power limiting. The unit recovers
automatically when the fault is removed.
6. Over voltage protection is a shut down type. The unit recovers
automatically when the fault is removed.
7. To mount the unit to the DIN rail, tilt the unit rearwards from
the top, fitting the mount over the top of the rail. Press back
on the bottom front of the unit until it locks in place on the
rail. To remove the unit from the rail, pull the removal clip at
the bottom rear of the unit downward with a screw driver. With
the clip down, lift up on the unit from the bottom front until it
clears the rail. Before installation or removal all wiring should
be disconnected and the main power to the system shut off.
8. When wiring the supply, all lines should be as thick and short
as possible. AWG 14 wire is recommended for the
AD1048FS
series.
9. The units should be mounted so they are vertically orientated.
Air flow (if it is provided) would optimally flow from the bottom
to the top of the unit.
10. It is recommended that a fuse be used on the input of a power
supply for protection. For the
AD1048FS series, a 250 VAC
2.0A is recommended.
Connections TB 1
Pin
Function
1
DC Output (+V)
2
DC Output (-V)
3
Frame Ground (FG)
4
AC/Neutral
5
AC/Live
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com