Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2001ERU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # B2001ERU
Description  B2000ERU SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B2001ERU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  B2001ERU Datasheet HTML 1Page - MicroPower Direct, LLC B2001ERU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Model
Number
Input
Output
Over
Voltage
Protection
(VDC Typ)
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
B2001ERU
24
9.0 - 36.0
1,004
25
3.3
5,000
500.0
3.9
83
18,700
2,500
B2002ERU
24
9.0 - 36.0
968
25
5.0
4,000
400.0
6.2
86
9,600
2,500
B2003ERU
24
9.0 - 36.0
958
25
12.0
1,667
167.0
15.0
87
1,600
2,500
B2004ERU
24
9.0 - 36.0
947
25
15.0
1,333
134.0
18.0
88
1,000
2,500
B2005ERU
24
9.0 - 36.0
947
25
24.0
834
84.0
28.0
88
500
2,500
B2006ERU
24
9.0 - 36.0
992
25
±5.0
±2,000
±200.0
±6.2
84
±4,800
2,500
B2007ERU
24
9.0 - 36.0
958
25
±12.0
±833
±84.5
±15.0
87
±800
2,500
B2008ERU
24
9.0 - 36.0
958
25
±15.0
±667
±67.0
±18.0
87
±500
2,500
B2011ERU
48
18.0 - 75.0
502
15
3.3
5,000
500.0
3.9
83
18,700
1,250
B2012ERU
48
18.0 - 75.0
479
15
5.0
4,000
400.0
6.2
87
9,600
1,250
B2013ERU
48
18.0 - 75.0
473
15
12.0
1,667
167.0
15.0
88
1,600
1,250
B2014ERU
48
18.0 - 75.0
473
15
15.0
1,333
134.0
18.0
88
1,000
1,250
B2015ERU
48
18.0 - 75.0
473
25
24.0
834
84.0
28.0
88
500
2,500
B2016ERU
48
18.0 - 75.0
490
15
±5.0
±2,000
±200.0
±6.2
85
±4,800
1,250
B2017ERU
48
18.0 - 75.0
479
15
±12.0
±833
±84.5
±15.0
87
±800
1,250
B2018ERU
48
18.0 - 75.0
473
15
±15.0
±667
±67.0
±18.0
88
±500
1,250
Notes:
1. Measured with Output 1 at 55% of load while varying output 2 from 10% to 100% load.
2. When measuring output ripple, it’s recommended that an external 4.7 µF ceramic capacitor be
placed from the +Vout pin to the -Vout pin for single output units and from each output to common
for dual outputs units.
3. These converters are specified for operation without
external components. However, in some applications
the addition of input/output capacitors will enhance
stability and reduce output ripple. Recommended
capacitor values are given in the table at right.
4. Transient recovery is measured to within a 1% error
band for a load step change of 75% to 100%.
5. Short circuit protection is provided by a “hiccup” mode
circuit.
6. These units should not be operated at no-load. A minimum 10% load is
recommended for each output.
7. It is recommended that a fuse be used on the input of a power supply for
protection. See the table above for the correct rating.
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Pin
Single
Dual
Pin
Single
Dual
1
+Vin
+Vin
4
Trim
Comm.
2
-Vin
-Vin
5
-Vout
-Vout
3
+Vout
+Vout
6
ON/OFF ON/OFF
Pin Connections
www.micropowerdirect.com
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Remote ON/OFF Notes:
1. Standby input current is 2 mA max.
Parameter
Min
Max
Units
Supply On
3.5
12.0 or Open
VDC
Supply Off
Grnd
1.2
VDC
Control Common Referenced to Gnd
Remote ON/OFF
Vin
(VDC)
Input
Capacitor
Vout
(VDC)
Output
Capacitor
24
100 µF
3.3
470 µF
5
470 µF
48
100 µF
12
220 µF
15
220 µF
24
100 µF
±5
±470 µF
±12
±100 µF
±15
±100 µF
For heatsink option, add suffix “H” to model number (i.e. B2003ERW-H)
Derating Curve
A simple external circuit may be used to
adjust the converter output (single output
models only). To adjust the output DOWN,
connect a 5%, 3W resistor between the
plus output pin and the Vout trim pin. To
adjust the output UP, connect a 5%, 3W
resistor between the minus utput pin and
the Vout trim pin.
For UP/Down trimming capability, connect
a 10 kW potentiometer between the plus
and minus outputs with the wiper arm
connected to the Vout trim pin.
The trim range is ±10%.
External Trim



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com