Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1007RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # B1007RW
Description  B1000RW SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B1007RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  B1007RW Datasheet HTML 1Page - MicroPower Direct, LLC B1007RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Reflected
Ripple
Current
(mA, Typ)
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
B1001RW
12
9.0 - 18.0
917
30
50
3.3
2,400.0
120.0
72
470
3,000
B1002RW
12
9.0 - 18.0
1,082
30
50
5.0
2,000.0
100.0
77
470
3,000
B1003RW
12
9.0 - 18.0
1,038
30
50
12.0
830.0
42.0
80
470
3,000
B1004RW
12
9.0 - 18.0
1,047
30
50
15.0
670.0
34.0
80
470
3,000
B1005RW
12
9.0 - 18.0
1,027
30
50
24.0
416.0
21.0
81
470
3,000
B1006RW
12
9.0 - 18.0
1,068
30
50
±5.0
±1,000.0
±50.0
78
±2,200
3,000
B1007RW
12
9.0 - 18.0
1,027
30
50
±12.0
±416.0
±21.0
81
±2,200
3,000
B1008RW
12
9.0 - 18.0
1,041
30
50
±15.0
±333.0
±17.0
80
±2,200
3,000
B1011RW
24
18.0 - 36.0
434
20
25
3.3
2,400.0
120.0
76
470
1,500
B1012RW
24
18.0 - 36.0
534
20
25
5.0
2,000.0
100.0
78
470
1,500
B1013RW
24
18.0 - 36.0
506
20
25
12.0
830.0
42.0
82
470
1,500
B1014RW
24
18.0 - 36.0
511
20
25
15.0
670.0
34.0
82
470
1,500
B1015RW
24
18.0 - 36.0
501
20
25
24.0
416.0
21.0
83
470
1,500
B1016RW
24
18.0 - 36.0
521
20
25
±5.0
±1,000.0
±50.0
80
±2,200
1,500
B1017RW
24
18.0 - 36.0
507
20
25
±12.0
±416.0
±21.0
82
±2,200
1,500
B1018RW
24
18.0 - 36.0
507
20
25
±15.0
±333.0
±17.0
82
±2,200
1,500
B1021RW
48
36.0 - 75.0
217
10
12
3.3
2,400.0
120.0
76
470
750
B1022RW
48
36.0 - 75.0
260
10
12
5.0
2,000.0
100.0
80
470
750
B1023RW
48
36.0 - 75.0
253
10
12
12.0
830.0
42.0
82
470
750
B1024RW
48
36.0 - 75.0
252
10
12
15.0
670.0
34.0
83
470
750
B1025RW
48
36.0 - 75.0
251
10
12
24.0
416.0
21.0
83
470
750
B1026RW
48
36.0 - 75.0
257
10
12
±5.0
±1,000.0
±50.0
81
±2,200
750
B1027RW
48
36.0 - 75.0
251
10
12
±12.0
±416.0
±21.0
83
±2,200
750
B1028RW
48
36.0 - 75.0
251
10
12
±15.0
±333.0
±17.0
83
±2,200
750
www.micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
• All dimensions are typical in
inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Common
5
-Vout
-Vout
Pin Connections
Notes:
1. When measuring output ripple, it is recommended that an external 0.47 µF ceramic
capacitor be placed from the +Vout pin to the -Vout pin for single output units and
from each output to common for dual output units.
2. Transient recovery is measured to within a 1% error band for a load step change of
75% to 100%.
3. Operation at no-load will not damage these units. However, they may not meet all
specifications.
4. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC output.
To do this, connect the load across the positive (+Vout) and negative (-Vout) outputs
and float the output common.
5. The converter should be connected to a low ac-impedance source. An input source
with a highly inductive impedance may affect the stability of the converter. In appli-
cations where the converter output loading is high and input power is supplied over
long lines, it may be necessary to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0
at 100 kHz) capacitor
be mounted close to the converter. For 12V input units, a 15 µF is recommended; for
24V & 48V units a 4.7 µF.
6. It is recommended that a fuse be used on the input of a power supply for protection.
See the table above for the correct rating.
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com