Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS670 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 74LS670
Description  4 x 4 REGISTER FILE WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS670 Datasheet(HTML) 3 Page - Motorola, Inc

  74LS670 Datasheet HTML 1Page - Motorola, Inc 74LS670 Datasheet HTML 2Page - Motorola, Inc 74LS670 Datasheet HTML 3Page - Motorola, Inc 74LS670 Datasheet HTML 4Page - Motorola, Inc 74LS670 Datasheet HTML 5Page - Motorola, Inc 74LS670 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5-599
FAST AND LS TTL DATA
SN54/74LS670
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54
74
–1.0
–2.6
mA
IOL
Output Current — Low
54
74
12
24
mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
All Inputs
VIL
Input LOW Voltage
74
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
54
2.4
3.4
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOH
Output HIGH Voltage
74
2.4
3.1
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOL
Output LOW Voltage
54, 74
0.25
0.4
V
IOL = 12 mA
VCC = VCC MIN,
VIN = VIL or VIH
per Truth Table
VOL
Output LOW Voltage
74
0.35
0.5
V
IOL = 24 mA
VIN = VIL or VIH
per Truth Table
IOZH
Output Off Current HIGH
20
µA
VCC = MAX, VO = 2.7 V
IOZL
Output Off Current LOW
–20
µA
VCC = MAX, VO = 0.4 V
IIH
Input HIGH Current
D, R, W
EW
ER
20
40
60
µA
VCC = MAX, VIN = 2.7 V
IIH
D, R, W
EW
ER
0.1
0.2
0.3
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
D, R, W
EW
ER
– 0.4
– 0.8
–1.2
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
– 30
– 130
mA
VCC = MAX
ICC
Power Supply Current
50
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com