Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D301RU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D301RU
Description  D300RU SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D301RU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D301RU Datasheet HTML 1Page - MicroPower Direct, LLC D301RU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Model
Number
Input
Output (See Note 4)
Capcitive
Load
(µF, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
D301RU
12
4.5 - 18.0
260
60
3.3
700.0
175.0
1,760
74
1,500
D302RU
12
4.5 - 18.0
320
60
5.0
600.0
150.0
1,000
78
1,500
D303RU
12
4.5 - 18.0
313
60
12.0
250.0
63.0
170
80
1,500
D304RU
12
4.5 - 18.0
313
60
15.0
200.0
50.0
110
80
1,500
D305RU
12
4.5 - 18.0
313
60
±5.0
±300.0
±75.0
±470
80
1,500
D306RU
12
4.5 - 18.0
313
60
±12.0
±125.0
±31.0
±100
80
1,500
D307RU
12
4.5 - 18.0
313
60
±15.0
±100.0
±25.0
±47
80
1,500
D311RU
24
9.0 - 36.0
128
25
3.3
700.0
175.0
1,760
75
700
D312RU
24
9.0 - 36.0
156
25
5.0
600.0
150.0
1,000
80
700
D313RU
24
9.0 - 36.0
154
25
12.0
250.0
63.0
170
81
700
D314RU
24
9.0 - 36.0
154
25
15.0
200.0
50.0
110
81
700
D315RU
24
9.0 - 36.0
158
25
±5.0
±300.0
±75.0
±470
79
700
D316RU
24
9.0 - 36.0
156
25
±12.0
±125.0
±31.0
±100
80
700
D317RU
24
9.0 - 36.0
154
25
±15.0
±100.0
±25.0
±47
81
700
D321RU
48
18.0 - 75.0
65
15
3.3
700.0
175.0
1,760
74
350
D322RU
48
18.0 - 75.0
79
15
5.0
600.0
150.0
1,000
79
350
D323RU
48
18.0 - 75.0
79
15
12.0
250.0
63.0
170
79
350
D324RU
48
18.0 - 75.0
79
15
15.0
200.0
50.0
110
79
350
D325RU
48
18.0 - 75.0
79
15
±5.0
±300.0
±75.0
±470
79
350
D326RU
48
18.0 - 75.0
79
15
±12.0
±125.0
±31.0
±100
79
350
D327RU
48
18.0 - 75.0
78
15
±15.0
±100.0
±25.0
±47
80
350
www.micropowerdirect.com
Mechanical Dimensions
Notes:
1. When measuring output ripple, it is recommended that an external 0.47 µF ceramic capacitor be placed from the +Vout pin to the -Vout pin for single output units and from each
output to common for dual output units.
2. Transient recovery is measured to within a 1% error band for a 75-100% load change.
3. An open collector switch (or equivalent) may be used to turn the unit on/off by controlling the voltage level at Pin 3. The maximum sink current at the on/off pin during a logic low is 1 mA. The maximum
allowable leakage current of a switch connected to the on/off pin is 1 mA. If the on/off pin (Pin 3) is left open, the unit operates.
4. No load operation will not damage these units, but they may not meet all spec’s. Recommended minimum load levels are given in the table above.
5. The converter should be connected to a low ac-impedance source. An input source with a highly inductive impedance may affect the stability of the converter. In applications where the converter output
loading is high and input power is supplied over long lines, it may be necessary to use a capacitor on the input to insure start-up. In this case, it is recommended that a low Equivalent Series Resistance
(ESR <1.0
 at 100 kHz) capacitor be mounted close to the converter.A 3.3 µF is recommended for 12V input models and a 1.5 µF for 24 & 48V units.
6. Dual output units may be connected to provide a 10V, 24V, or 30 VDC output. To do this, connect the load across the +Vout and -Vout outputs and float the output common.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the Model Selection table above for the correct rating.
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Pin
Single
Dual
Pin
Single
Dual
1
-Vin
-Vin
6
+Vout
+Vout
2
+Vin
+Vin
7
-Vout
Common
3
Remote ON/OFF
8
NC
-Vout
5NC
NC
NC = No Connection
Pin Connections
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com