Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I2012RU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # I2012RU
Description  I2000RU SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

I2012RU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  I2012RU Datasheet HTML 1Page - MicroPower Direct, LLC I2012RU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.01 (±0.25)
Model
Number
Input
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
I2001RU
24
9.0 - 36.0
1,390
80
3.3
4,500
0
87
10,300
4,000
I2002RU
24
9.0 - 36.0
1,852
90
5.0
4,000
0
89
6,800
4,000
I2003RU
24
9.0 - 36.0
1,877
40
12.0
1,670
0
89
1,200
4,000
I2004RU
24
9.0 - 36.0
1,882
40
15.0
1,340
0
89
750
4,000
I2005RU
24
9.0 - 36.0
1,877
40
±12.0
±835
±60
89
±680
4,000
I2006RU
24
9.0 - 36.0
1,882
40
±15.0
±670
±50
89
±380
4,000
I2011RU
48
18.0 - 75.0
695
40
3.3
4,500
0
88
10,300
2,000
I2012RU
48
18.0 - 75.0
926
45
5.0
4,000
0
89
6,800
2,000
I2013RU
48
18.0 - 75.0
938
25
12.0
1,670
0
89
1,200
2,000
I2014RU
48
18.0 - 75.0
930
25
15.0
1,340
0
89
750
2,000
I2015RU
48
18.0 - 75.0
938
25
±12.0
±835
±60
89
±680
2,000
I2016RU
48
18.0 - 75.0
941
25
±15.0
±670
±50
89
±380
2,000
Derating Curve
Notes:
1. Output ripple is measured with a 1.0 µF ceramic and a 10 µF tantalum
capcitor connected across the outputs.
2. Transient recovery is measured to within a 1% error band for a load step change
of 75% to 100%.
3. Operation at no-load will not damage the unit, but they may not meet
all specifications.
4. The On/Off Control input (Pin 3)
is referenced to -Vin (Pin 2). If
it is not used, the control pin
should be left open. If the pin
is shorted to -VIN, the unit will
turn off.
5. An external resistor may be used
to adjust the converter output by ±10%.To adjust the output UP, connect a 5%,
3W resistor between the minus output pin and the Vout trim pin. To adjust the
output DOWN, connect a 5%, 3W resistor between the plus output pin and
the V
OUT
trim pin. For continuous UP/Down trimming capability, connect a 10
kW potentiometer between the plus and minus outputs with the wiper arm
connected to the V
OUT
trim pin.The trim pin may be left floating if it is not used.
Contact the factroy for more information.
6. It is recommended that a fuse be used on the input of a power supply
for protection. See the Model Selection table above for the correct rating.
www.micropowerdirect.com
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
Remote ON/OFF
4
+Vout
+Vout
5
Trim
Common
6
-Vout
-Vout
Pin Connections
Model Selection Guide
Mechanical Dimensions
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Min
Max
On
3.5 VDC
12 VDC
Off
0.0 VDC
1.2 VDC
In. Current (on)
0.5 mA
In. Current (off)
-0.5 mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com