Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF201D Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LF201D
Description  LF200D SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF201D Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LF201D Datasheet HTML 1Page - MicroPower Direct, LLC LF201D Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Notes:
1. Load regulation is measured for an output change of 20% to 100%.
2. When measuring output ripple, it is recommended that an external 0.33
µF ceramic capacitor be placed from each output to common. For noise
sensitive applications, the use of 1.5 µF capacitors will reduce the output
ripple.
3. Operation at no-load will not damage these units. However, they may not
meet all specifications.
4. The converter should be connected to a low ac-impedance source. An
input source with a highly inductive impedance may affect the stability of
the converter. In applications where the converter output loading is high
and input power is supplied over long lines, it may be necessary to use a
capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0
 at 100 kHz)
capacitor be mounted close to the converter. For 5V input units a 2.2 µF is
recommended, for 12V input units, a 1.0 µF and for 24V input units a 4.7
µF.
5. The outputs of these units may be connected to provide a 10 VDC, 24 VDC
or 30 VDC output. To do this, connect the load across the positive (+Vout)
and negative (-Vout) ouputs and float the ouput common.
6. It is recommended that a fuse be used on the input of a power supply for
protection. See the table above for the correct rating.
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the unit
Pin Connections
Board Layout
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Output
Capacitive
Load
(µF, Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
LF201D
5
4.5 - 5.5
519
60
±5.0
±200.0
±4.0
10
77
±10
1,000
LF202D
5
4.5 - 5.5
504
60
±12.0
±83.0
±1.5
7
79
±4.7
1,000
LF203D
5
4.5 - 5.5
501
60
±15.0
±66.0
±1.0
7
79
±4.7
1,000
LF212D
12
10.8 - 13.2
202
30
±12.0
±83.0
±1.5
5
82
±4.7
500
LF213D
12
10.8 - 13.2
201
30
±15.0
±66.0
±1.0
5
82
±4.7
500
LF222D
24
21.6 - 26.4
102
15
±12.0
±83.0
±1.5
5
81
±4.7
200
LF223D
24
21.6 - 26.4
100
15
±15.0
±66.0
±1.0
5
82
±4.7
200
Pin
Description
Pin
Description
1
-Vin
6
No Pin
2
+Vin
7
+Vout
3
No Pin
8
No Pin
4
Common
9
No Pin
5
-Vout
10
NA
NA = Not for electrical connection
Derating Curve
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com