Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF151ED Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LF151ED
Description  F100ED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF151ED Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LF151ED Datasheet HTML 1Page - MicroPower Direct, LLC LF151ED Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the unit
Board Layout
Pin
Description
Pin
Description
1-Vin
6
NC
2
+Vin
7
+Vout
3NC
8NC
4
Common
9
NC
5
-Vout
10
NC
NC = No Connection
Pin Connections
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Recommended Solder Profile
Derating Curve
Notes:
1. Output load regulation is specified for a load change of 20% to 100%.
2. When measuring output ripple, it is recommended that an external 0.33
µF ce-
ramic capacitor be placed from the +Vout pin to the -Vout pin for single output
units and from each output to common for dual output units.
3. During operation, care must be taken not to exceed the specified input range
of the unit or to allow the output load to drop below the specified minimum
(10% of full load). Operating the unit under either of these conditions could
cause damage to the unit.
4. These converters are specified for operation without external components. How-
ever, in some applications the addition of input/output capacitors will enhance
stability and reduce output ripple. Recommended capacitor values are:
Vin
Input
Capacitor
Vout
Output
Capacitor
5 VDC
4.7
µF
5 VDC
4.7
µF
12 VDC
2.2
µF
9 VDC
2.2
µF
24 VDC
1.0
µF
12 VDC
1.0
µF
15 VDC
0.47
µF
For applications requiring very low output noise
levels, a simple LC filter should be effective.
5. It is recommended that a fuse be used on the
input of a power supply for protection. See the
Model Selection table above for the correct
rating.
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
LF101ED
5
4.5 - 5.5
277
30
±5.0
±100.0
±10.0
12.0
72
500
LF102ED
5
4.5 - 5.5
250
30
±9.0
±56.0
±6.0
8.0
75
500
LF103ED
5
4.5 - 5.5
256
30
±12.0
±42.0
±5.0
8.5
78
500
LF104ED
5
4.5 - 5.5
253
30
±15.0
±33.0
±4.0
7.0
79
500
LF111ED
12
10.8 - 13.2
112
15
±5.0
±100.0
±10.0
12.0
74
200
LF112ED
12
10.8 - 13.2
110
15
±9.0
±56.0
±6.0
8.0
76
200
LF113ED
12
10.8 - 13.2
105
15
±12.0
±42.0
±5.0
8.5
78
200
LF114ED
12
10.8 - 13.2
104
15
±15.0
±33.0
±4.0
7.0
79
200
LF151ED
3.3
3.0 - 3.6
452
55
±5.0
±100.0
±10.0
12.0
67
750
LF152ED
3.3
3.0 - 3.6
445
55
±12.0
±42.0
±5.0
8.5
68
750
LF153ED
3.3
3.0 - 3.6
432
55
±15.0
±33.0
±4.0
7.0
70
750



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com