Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA200RW Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MA200RW
Description  MA200RW SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA200RW Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MA200RW Datasheet HTML 1Page - MicroPower Direct, LLC MA200RW Datasheet HTML 2Page - MicroPower Direct, LLC MA200RW Datasheet HTML 3Page - MicroPower Direct, LLC MA200RW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.micropowerdirect.com
Typical Connection
Typical Board Layout: With External Filter Components, Single Output
The diagram above illustrates a typical connection of the MA200RW
series for applications that require meeting conducted EMC standards.
The units do not require external components to operate as specified.
For applications requiring very low output noise levels, the output
filtering capacitors (C3 is a low ESR electrolytic & C4 is a ceramic) will
often be sufficient. Care must be taken in choosing output capacitors
not to exceed the capacitive load specification for the unit. For dual
output units, output capacitors should be connected from each output
to common. All external components should be mounted as close to
the unit as possible.
Input noise and surge suppression modules are available for a number
of MPD DC/DC power supplies. Contact the factory for more information.
MicroPower Direct • 292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
Typical Board Layout: With External Filter Components, Dual Output
The recommended values for components are:
Component
5 VIN
12 VIN
24 VIN
48 VIN
C1
220 µF/25V 220 µF/50V
220 µF/100V
220 µF/100V
LCM
12 µH
12 µH
12 µH
12 µH
C2
---
---
470 pF/2kV MLCC 470 pF/2kV MLCC
C3
100 µF
100 µF
100 µF
100 µF
C4
4.7 - 10 µF 4.7 - 10 µF
4.7 - 10 µF
4.7 - 10 µF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com