Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA300RWI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA300RWI
Description  MA300RWI SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA300RWI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA300RWI Datasheet HTML 1Page - MicroPower Direct, LLC MA300RWI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
Model
Number
Input
Output
Efficiency
(%, Typ)
Reflected
Ripple
Current
(mA Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA305S-03RWI
5
4.5 - 9.0
514
65
3.3
600.0
0.0
77
100.0
680
1,500
MA305S-05RWI
5
4.5 - 9.0
641
65
5.0
500.0
0.0
78
100.0
470
1,500
MA305S-12RWI
5
4.5 - 9.0
732
65
12.0
250.0
0.0
82
100.0
330
1,500
MA305S-15RWI
5
4.5 - 9.0
732
65
15.0
200.0
0.0
82
100.0
220
1,500
MA305S-24RWI
5
4.5 - 9.0
741
65
24.0
125.0
0.0
81
100.0
100
1,500
MA305D-05RWI
5
4.5 - 9.0
649
65
±5.0
±250.0
±0.0
77
100.0
±220
1,500
MA305D-12RWI
5
4.5 - 9.0
741
65
±12.0
±125.0
±0.0
81
100.0
±150
1,500
MA305D-15RWI
5
4.5 - 9.0
741
65
±15.0
±100.0
±0.0
81
100.0
±100
1,500
MA312S-03RWI
12
9.0 - 18.0
209
35
3.3
600.0
0.0
79
30.0
680
600
MA312S-05RWI
12
9.0 - 18.0
257
35
5.0
500.0
0.0
81
30.0
470
600
MA312S-12RWI
12
9.0 - 18.0
294
35
12.0
250.0
0.0
85
30.0
330
600
MA312S-15RWI
12
9.0 - 18.0
294
35
15.0
200.0
0.0
85
30.0
220
600
MA312S-24RWI
12
9.0 - 18.0
298
35
24.0
125.0
0.0
84
30.0
100
600
MA312D-05RWI
12
9.0 - 18.0
260
35
±5.0
±250.0
±0.0
80
30.0
±220
600
MA312D-12RWI
12
9.0 - 18.0
298
35
±12.0
±125.0
±0.0
84
30.0
±150
600
MA312D-15RWI
12
9.0 - 18.0
298
35
±15.0
±100.0
±0.0
84
30.0
±100
600
MA324S-05RWI
24
18.0 - 36.0
104
20
3.3
600.0
0.0
79
15.0
680
300
MA324S-05RWI
24
18.0 - 36.0
129
20
5.0
500.0
0.0
81
15.0
470
300
MA324S-12RWI
24
18.0 - 36.0
147
20
12.0
250.0
0.0
85
15.0
330
300
MA324S-15RWI
24
18.0 - 36.0
147
20
15.0
200.0
0.0
85
15.0
220
300
MA324S-24RWI
24
18.0 - 36.0
149
20
24.0
125.0
0.0
84
15.0
100
300
MA324D-05RWI
24
18.0 - 36.0
130
20
±5.0
±250.0
±0.0
80
15.0
±220
300
MA324D-12RWI
24
18.0 - 36.0
149
20
±12.0
±125.0
±0.0
84
15.0
±150
300
MA324D-15RWI
24
18.0 - 36.0
149
20
±15.0
±100.0
±0.0
84
15.0
±100
300
MA348S-03RWI
48
36.0 - 72.0
52
15
3.3
600.0
0.0
79
10.0
680
150
MA348S-05RWI
48
36.0 - 72.0
64
15
5.0
500.0
0.0
81
10.0
470
150
MA348S-12RWI
48
36.0 - 72.0
74
15
12.0
250.0
0.0
85
10.0
330
150
MA348S-15RWI
48
36.0 - 72.0
74
15
15.0
200.0
0.0
85
10.0
220
150
MA348S-24RWI
48
36.0 - 72.0
74
15
24.0
125.0
0.0
84
10.0
100
150
MA348D-05RWI
48
36.0 - 72.0
65
15
±5.0
±250.0
±0.0
80
10.0
±220
150
MA348D-12RWI
48
36.0 - 72.0
74
15
±12.0
±125.0
±0.0
84
10.0
±150
150
MA348D-15RWI
48
36.0 - 72.0
74
15
±15.0
±100.0
±0.0
84
10.0
±100
150
For 1.5 kV Isolation, See MA300-xxRW Series Datasheet
For 4:1 Inputs, See MA300-xxRU Series Datasheet
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.x = ±0.02 (±0.50)
• Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. When measuring output ripple, it is recommended that an external 3.3 µF ceramic capacitor be placed from the +VOUT pin
to the -VOUT pin for single output units and from each output to common for dual output units.
2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%.
3. Operation at no-load will not damage these units.
4. An external 220 µF/100V capacitor connected across the input pins is required to meet EN61000-4-4 and EN61000-4-5.
5. Dual output units may be connected to provide a 10, 24 or 30 VDC output. To do this, connect the load across the positive
(+VOUT) and negative (-VOUT) outputs and float the output common.
6. The converter should be connected to a low ac-impedance source. An input source with a
highly inductive impedance may affect the stability of the converter. In applications where the
converter output loading is high and input power is supplied over long lines, it may be necessary
to use a capacitor on the input to insure start-up. In this case, it is recommended that a low
ESR (ESR <1.0
at 100 kHz) capacitor be mounted close to the converter. For 5V input units a
8.2 µF is recommended, for 12V input units, a 3.3 µF; and for 24V & 48V units a 1.5 µF.
7. It is recommended that a fuse be used on the input of a power supply for protection. See
the table above for the correct rating.
Pin
Single
Dual
2, 3
-VIN
-VIN
9
No Pin
Common
11
NC
-VOUT
14
+VOUT
+VOUT
16
-VOUT
Common
22, 23
+VIN
+VIN
NC: No Connection
Pin Connections
Mechanical Dimensions
Pin
Single
Dual
2, 3
-VIN
-VIN
9
No Pin
Common
11
NC
-VOUT
V
V
14
+VOUT
V
V
+VOUT
V
V
16
-VOUT
V
V
Common
22, 23
+VIN
+VIN
NC: No Connection
Pin Connections
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com