Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA400RUI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA400RUI
Description  MA400RUI SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA400RUI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA400RUI Datasheet HTML 1Page - MicroPower Direct, LLC MA400RUI Datasheet HTML 2Page - MicroPower Direct, LLC MA400RUI Datasheet HTML 3Page - MicroPower Direct, LLC MA400RUI Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Selection Guide
www.micropowerdirect.com
Notes:
1. Cross regulation is measured with the output being tested at 100% load while the other output is varied
from 25% to 100% load.
2. See the typical connection circuit on page three for typical external filtering components. For help with a
specific model or layout issue, contact the factory.
3. Isolation voltage is specified for Input to output. On units with the optional metal case, the isolation voltage
for Input - Case and Output - Case is 1,000 VDC.
4. Operation at no-load will not damage the unit, but they may not meet all specifications. To meet all speci-
fications, a minimum load of 33% should be maintained.
5. It is recommended that a fuse be used on the input of a power supply for protection. See the Model Selection
table above for the correct rating.
Model
Number
Input
Output
Efficiency
(%, Typ)
Reflected
Ripple
Current
(mA Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA424S-03RUI-xx
24
9.0 - 36.0
119.0
20
3.3
1,000.0
250.0
66
35.0
1,000
250
MA424S-05RUI-xx
24
9.0 - 36.0
115.0
20
5.0
800.0
200.0
71
35.0
2,200
250
MA424S-12RUI-xx
24
9.0 - 36.0
112.0
20
12.0
333.0
84.0
74
35.0
470
250
MA424S-15RUI-xx
24
9.0 - 36.0
112.0
20
15.0
266.0
67.0
74
35.0
470
250
MA424D-05RUI-xx
24
9.0 - 36.0
122.0
20
±5.0
±400.0
±100.0
70
35.0
±1,000
250
MA424D-12RUI-xx
24
9.0 - 36.0
115.0
20
±12.0
±166.0
±42.0
72
35.0
±220
250
MA424D-15RUI-xx
24
9.0 - 36.0
115.0
20
±15.0
±133.0
±34.0
75
35.0
±220
250
MA448S-03RUI-xx
48
18.0 - 72.0
57.0
15
3.3
1,000.0
250.0
66
35.0
1,000
125
MA448S-05RUI-xx
48
18.0 - 72.0
55.0
15
5.0
800.0
200.0
72
35.0
2,200
125
MA448S-12RUI-xx
48
18.0 - 72.0
54.0
15
12.0
333.0
84.0
73
35.0
470
125
MA448S-15RUI-xx
48
18.0 - 72.0
54.0
15
15.0
266.0
67.0
74
35.0
470
125
MA448D-05RUI-xx
48
18.0 - 72.0
58.0
15
±5.0
±400.0
±100.0
70
35.0
±1,000
125
MA448D-12RUI-xx
48
18.0 - 72.0
55.0
15
±12.0
±166.0
±42.0
72
35.0
±220
125
MA448D-15RUI-xx
48
18.0 - 72.0
55.0
15
±15.0
±133.0
±34.0
73
35.0
±220
125
292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
Model Number
For the alternate pin-out (see page 4) , add suffix “P2” to model number
(i.e. MA424S-05RUI-P2)
Series
Power
Input Range
Isolation
MA100X-xxRW
1W
2:1
1.5 kVDC
MA100X-xxRWI
1W
2:1
3.5 kVDC
MA100X-xxRU
1W
4:1
1.5 kVDC
MA100X-xxRUI
1W
4:1
3.5 kVDC
MA200X-xxRW
2W
2:1
1.5 kVDC
MA200X-xxRWI
2W
2:1
3.5 kVDC
MA200X-xxRU
2W
4:1
1.5 kVDC
MA200X-xxRUI
2W
4:1
3.5 kVDC
MA300X-xxRW
3W
2:1
1.5 kVDC
MA300X-xxRWI
3W
2:1
3.0 kVDC
MA300X-xxRU
3W
4:1
1.5 kVDC
MA300X-xxRUI
3W
4:1
3.0 kVDC
MA400X-xxRW
4W
2:1
1.5 kVDC
MA400X-xxRWI
4W
2:1
3.5 kVDC
MA400X-xxRU
4W
4:1
1.5 kVDC
MA400X-xxRUI
4W
4:1
3.5 kVDC
MA500X-xxRW
5W
2:1
1.5 kVDC
MA500X-xxRWI
5W
2:1
3.5 kVDC
MA500X-xxRU
5W
4:1
1.5 kVDC
MA500X-xxRUI
5W
4:1
3.5 kVDC
MA600X-xxRW
6W
2:1
1.5 kVDC
MA600X-xxRWI
6W
2:1
3.0 kVDC
MA600X-xxRU
6W
4:1
1.5 kVDC
MA600X-xxRUI
6W
4:1
3.0 kVDC
NEW DIP DC/DC Converter
Visit our website or contact the factory for more information.
Families From MPD
Derating Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com