Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA400RWI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA400RWI
Description  MA400RWI SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA400RWI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA400RWI Datasheet HTML 1Page - MicroPower Direct, LLC MA400RWI Datasheet HTML 2Page - MicroPower Direct, LLC MA400RWI Datasheet HTML 3Page - MicroPower Direct, LLC MA400RWI Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Selection Guide
www.micropowerdirect.com
Notes:
1. Cross regulation is measured with the output being tested at 100% load while the other output
is varied from 25% to 100% load.
2. See the typical connection circuit on page three for typical external filtering components. For help with a
specific model or layout issue, contact the factory.
3. Isolation voltage is specified for Input to output. On units with the optional metal case, the isolation voltage
for Input - Case and Output - Case is 1,000 VDC.
4. Operation at no-load will not damage the unit,but they may not meet all specifications.To meet all specifica-
tions, a minimum load of 25% should be maintained.
5. It is recommended that a fuse be used on the input of a power supply for protection.See the Model Selection
table above for the correct rating.
Model
Number
Input
Output
Efficiency
(%, Typ)
Reflected
Ripple
Current
(mA Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA412S-05RWI-xx
12
9.0 - 18.0
463
20
5.0
800.0
200.0
72
35.0
2,200
1,000
MA412S-09RWI-xx
12
9.0 - 18.0
427
20
9.0
444.0
111.0
78
35.0
470
1,000
MA412S-12RWI-xx
12
9.0 - 18.0
427
20
12.0
333.0
83.3
78
35.0
470
1,000
MA412S-15RWI-xx
12
9.0 - 18.0
433
20
15.0
267.0
66.8
77
35.0
470
1,000
MA412S-24RWI-xx
12
9.0 - 18.0
439
20
24.0
167.0
42.0
76
35.0
220
1,000
MA412D-05RWI-xx
12
9.0 - 18.0
433
20
±5.0
±400.0
±100.0
77
35.0
±1,000
1,000
MA412D-09RWI-xx
12
9.0 - 18.0
433
20
±9.0
±222.0
±56.0
77
35.0
±220
1,000
MA412D-12RWI-xx
12
9.0 - 18.0
427
20
±12.0
±167.0
±42.0
78
35.0
±220
1,000
MA412D-15RWI-xx
12
9.0 - 18.0
427
20
±15.0
±133.0
±33.0
78
35.0
±220
1,000
MA412D-24RWI-xx
12
9.0 - 18.0
433
20
±24.0
±83.0
±21.0
77
35.0
±100
1,000
MA424S-05RWI-xx
24
18.0 - 36.0
216
12
5.0
800.0
200.0
77
35.0
2,200
500
MA424S-09RWI-xx
24
18.0 - 36.0
214
12
9.0
444.0
111.0
78
35.0
470
500
MA424S-12RWI-xx
24
18.0 - 36.0
211
12
12.0
333.0
83.3
79
35.0
470
500
MA424S-15RWI-xx
24
18.0 - 36.0
208
12
15.0
267.0
66.8
80
35.0
470
500
MA424S-24RWI-xx
24
18.0 - 36.0
216
12
24.0
167.0
42.0
77
35.0
220
500
MA424D-05RWI-xx
24
18.0 - 36.0
225
12
±5.0
±400.0
±100.0
77
35.0
±1,000
500
MA424D-09RWI-xx
24
18.0 - 36.0
225
12
±9.0
±222.0
±56.0
77
35.0
±220
500
MA424D-12RWI-xx
24
18.0 - 36.0
219
12
±12.0
±167.0
±42.0
78
35.0
±220
500
MA424D-15RWI-xx
24
18.0 - 36.0
216
12
±15.0
±133.0
±33.0
79
35.0
±220
500
MA424D-24RWI-xx
24
18.0 - 36.0
219
12
±24.0
±83.0
±21.0
76
35.0
±100
500
MA448S-05RWI-xx
48
36.0 - 72.0
108
8
5.0
800.0
200.0
77
35.0
2,200
250
MA448S-09RWI-xx
48
36.0 - 72.0
108
8
9.0
444.0
111.0
77
35.0
470
250
MA448S-12RWI-xx
48
36.0 - 72.0
107
8
12.0
333.0
83.3
78
35.0
470
250
MA448S-15RWI-xx
48
36.0 - 72.0
107
8
15.0
267.0
66.8
77
35.0
470
250
MA448S-24RWI-xx
48
36.0 - 72.0
111
8
24.0
167.0
42.0
75
35.0
220
250
MA448D-05RWI-xx
48
36.0 - 72.0
114
8
±5.0
±400.0
±100.0
73
35.0
±1,000
250
MA448D-09RWI-xx
48
36.0 - 72.0
108
8
±9.0
±222.0
±56.0
77
35.0
±220
250
MA448D-12RWI-xx
48
36.0 - 72.0
108
8
±12.0
±167.0
±42.0
77
35.0
±220
250
MA448D-15RWI-xx
48
36.0 - 72.0
107
8
±15.0
±133.0
±33.0
78
35.0
±220
250
MA448D-24RWI-xx
48
36.0 - 72.0
110
8
±24.0
±83.0
±21.0
76
35.0
±100
250
292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
Model Number
For the alternate pin-out (see page 4) , add suffix “P2” to model number
(i.e. MA424S-05RWI-P2)
Derating Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com