Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA600RUI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA600RUI
Description  MA600RUI SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA600RUI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA600RUI Datasheet HTML 1Page - MicroPower Direct, LLC MA600RUI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
Model
Number
Input
Output
Efficiency
(%, Typ)
Reflected
Ripple
Current
(mA Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA624S-05RUI
24
9.0 - 36.0
214
20
3.3
1,200.0
0.0
77
20.0
470
1,500
MA624S-05RUI
24
9.0 - 36.0
313
20
5.0
1,200.0
0.0
80
20.0
470
1,500
MA624S-12RUI
24
9.0 - 36.0
298
20
12.0
500.0
0.0
84
20.0
100
1,500
MA624S-15RUI
24
9.0 - 36.0
298
20
15.0
400.0
0.0
84
20.0
100
1,500
MA624S-24RUI
24
9.0 - 36.0
298
20
24.0
250.0
0.0
84
20.0
47
1,500
MA624D-05RUI
24
9.0 - 36.0
260
20
±5.0
±500.0
±0.0
80
20.0
±100
1,500
MA624D-12RUI
24
9.0 - 36.0
298
20
±12.0
±250.0
±0.0
84
20.0
±100
1,500
MA624D-15RUI
24
9.0 - 36.0
298
20
±15.0
±200.0
±0.0
84
20.0
±100
1,500
MA648S-03RUI
48
18.0 - 75.0
107
10
3.3
1,200.0
0.0
77
15.0
470
800
MA648S-05RUI
48
18.0 - 75.0
156
10
5.0
1,200.0
0.0
80
15.0
470
800
MA648S-12RUI
48
18.0 - 75.0
149
10
12.0
500.0
0.0
84
15.0
100
800
MA648S-15RUI
48
18.0 - 75.0
149
10
15.0
400.0
0.0
84
15.0
100
800
MA648S-24RUI
48
18.0 - 75.0
149
10
24.0
250.0
0.0
84
15.0
47
800
MA648D-05RUI
48
18.0 - 75.0
130
10
±5.0
±500.0
±0.0
80
15.0
±100
800
MA648D-12RUI
48
18.0 - 75.0
149
10
±12.0
±250.0
±0.0
84
15.0
±100
800
MA648D-15RUI
48
18.0 - 75.0
149
10
±15.0
±200.0
±0.0
84
15.0
±100
800
For 1.5 kV Isolation, See MA600x-xxRU Series Datasheet
For 2:1 Inputs, See MA600x-xxRW Series Datasheet
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.x = ±0.02 (±0.50)
• Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. When measuring output ripple, it is recommended that an external 3.3 µF ceramic capacitor be
placed from the +VOUT pin to the -VOUT pin for single output units and from each output to common
for dual output units.
2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%.
3. Operation at no-load will not damage these units.
4. An external 220 µF/100V capacitor connected across the input pins is required to meet
EN61000-4-4 and EN61000-4-5.
5. Dual output units may be connected to provide a 10, 24 or 30 VDC output. To do this, connect the
load across the positive (+VOUT) and negative (-VOUT) outputs and float the output common.
6. The converter should be connected to a low ac-impedance source. An input source with a highly
inductive impedance may affect the stability of the converter. In applications where the converter
output loading is high and input power is supplied over long lines, it may be necessary to use
a capacitor on the input to insure start-up. In this case, it is recommended that a low ESR (ESR
<1.0
at 100 kHz) capacitor be mounted close to the converter. For 24V input units a 4.7 µF is
recommended; and for 48V units a 2.2 µF.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the table
above for the correct rating.
Pin
Single
Dual
2, 3
-VIN
-VIN
9
No Pin
Common
11
NC
-VOUT
14
+VOUT
+VOUT
16
-VOUT
Common
22, 23
+VIN
+VIN
NC: No Connection
Pin Connections
Mechanical Dimensions
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com