Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA600RWI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA600RWI
Description  MA600RWI SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA600RWI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA600RWI Datasheet HTML 1Page - MicroPower Direct, LLC MA600RWI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
Model
Number
Input
Output
Efficiency
(%, Typ)
Reflected
Ripple
Current
(mA Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA612S-03RWI
12
9.0 - 18.0
440
40
3.3
1,200.0
0.0
75
30.0
470
1,500
MA612S-05RWI
12
9.0 - 18.0
641
40
5.0
1,200.0
0.0
78
30.0
470
1,500
MA612S-12RWI
12
9.0 - 18.0
609
40
12.0
500.0
0.0
82
30.0
100
1,500
MA612S-15RWI
12
9.0 - 18.0
609
40
15.0
400.0
0.0
82
30.0
100
1,500
MA612S-24RWI
12
9.0 - 18.0
595
40
24.0
250.0
0.0
84
30.0
47
1,500
MA612D-05RWI
12
9.0 - 18.0
534
40
±5.0
±500.0
±0.0
78
30.0
±100
1,500
MA612D-12RWI
12
9.0 - 18.0
609
40
±12.0
±250.0
±0.0
82
30.0
±100
1,500
MA612D-15RWI
12
9.0 - 18.0
609
40
±15.0
±200.0
±0.0
82
30.0
±100
1,500
MA624S-05RWI
24
18.0 - 36.0
214
20
3.3
1,200.0
0.0
77
20.0
470
700
MA624S-05RWI
24
18.0 - 36.0
313
20
5.0
1,200.0
0.0
80
20.0
470
700
MA624S-12RWI
24
18.0 - 36.0
298
20
12.0
500.0
0.0
84
20.0
100
700
MA624S-15RWI
24
18.0 - 36.0
298
20
15.0
400.0
0.0
84
20.0
100
700
MA624S-24RWI
24
18.0 - 36.0
298
20
24.0
250.0
0.0
84
20.0
47
700
MA624D-05RWI
24
18.0 - 36.0
260
20
±5.0
±500.0
±0.0
80
20.0
±100
700
MA624D-12RWI
24
18.0 - 36.0
298
20
±12.0
±250.0
±0.0
84
20.0
±100
700
MA624D-15RWI
24
18.0 - 36.0
298
20
±15.0
±200.0
±0.0
84
20.0
±100
700
MA648S-03RWI
48
36.0 - 72.0
107
10
3.3
1,200.0
0.0
77
15.0
470
350
MA648S-05RWI
48
36.0 - 72.0
156
10
5.0
1,200.0
0.0
80
15.0
470
350
MA648S-12RWI
48
36.0 - 72.0
149
10
12.0
500.0
0.0
84
15.0
100
350
MA648S-15RWI
48
36.0 - 72.0
149
10
15.0
400.0
0.0
84
15.0
100
350
MA648S-24RWI
48
36.0 - 72.0
149
10
24.0
250.0
0.0
84
15.0
47
350
MA648D-05RWI
48
36.0 - 72.0
130
10
±5.0
±500.0
±0.0
80
15.0
±100
350
MA648D-12RWI
48
36.0 - 72.0
149
10
±12.0
±250.0
±0.0
84
15.0
±100
350
MA648D-15RWI
48
36.0 - 72.0
149
10
±15.0
±200.0
±0.0
84
15.0
±100
350
For 1.5 kV Isolation, See MA600x-xxRW Series Datasheet
For 4:1 Inputs, See MA600x-xxRU Series Datasheet
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.x = ±0.02 (±0.50)
• Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. When measuring output ripple, it is recommended that an external 3.3 µF ceramic capacitor be placed from the
+VOUT pin to the -VOUT pin for single output units and from each output to common for dual output units.
2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%.
3. Operation at no-load will not damage these units.
4. An external 220 µF/100V capacitor connected across the input pins is required to meet EN61000-4-4 and
EN61000-4-5.
5. Dual output units may be connected to provide a 10, 24 or 30 VDC output. To do this, connect the load across the
positive (+VOUT) and negative (-VOUT) outputs and float the output common.
6. The converter should be connected to a low ac-impedance source. An input source with a
highly inductive impedance may affect the stability of the converter. In applications where
the converter output loading is high and input power is supplied over long lines, it may be
necessary to use a capacitor on the input to insure start-up. In this case, it is recommended
that a low ESR (ESR <1.0
at 100 kHz) capacitor be mounted close to the converter. For
12V input units a 3.3 µF is recommended; and for 24V & 48V units a 2.2 µF.
7. It is recommended that a fuse be used on the input of a power supply for protection. See
the table above for the correct rating.
Pin
Single
Dual
2, 3
-VIN
-VIN
9
No Pin
Common
11
NC
-VOUT
14
+VOUT
+VOUT
16
-VOUT
Common
22, 23
+VIN
+VIN
NC: No Connection
Pin Connections
Mechanical Dimensions
Pin
Single
Dual
2, 3
-VIN
-VIN
9
No Pin
Common
11
NC
-VOUT
V
V
14
+VOUT
V
V
+VOUT
V
V
16
-VOUT
V
V
Common
22, 23
+VIN
+VIN
NC: No Connection
Pin Connections
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com